Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-RFH72LF-C800OHMF Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-RFH72LF-C800OHMF
Description  High Frequency Surface Mount Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFH72LF-C800OHMF Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-RFH72LF-C800OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFH72LF-C800OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFH72LF-C800OHMF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RFX Series Issue January 2009 Sheet 1 of 3
RoHS Compliant
Frequency operation to 3GHz
Small size 10W power chip resistors
1% tolerance and 50ppm/°C absolute TCR
RFX Series
High Frequency
Surface Mount Terminators
RFH and RFK
Power Rating
10W
Resistance Values
50Ω, 100Ω, 150Ω, 200Ω, 250Ω, 300Ω, 400Ω, 600Ω, 800Ω
Tolerance
±1%
Capacitance
<0.05pF
Operating Temperature Range
-55°C to 155°C
Absolute TCR
±50ppm/°C
Electrical Data
Environmental Data
Test Condition
Maximum
Short TimeOverload
2.5 x Rated Voltage, 5 seconds
±0.2% +0.05Ω
Load Life
1000 Hours, 70°C
±0.2% +0.05Ω
Moisture Resistance
1000 Hours, 40°C, 95% RH
±0.2% +0.05Ω
Temperature Cycle
5 Cycles, +125°C high, -55°C Low
±0.2% +0.05Ω
Resistance to Soldering Heat
260°C, 10 sec.
±0.2% +0.05Ω
Insulation Resistance
500V, 1 minute
>1,000MΩ
The RFX series of high frequency line terminators provide superb
high frequency performance at power ratings to 10W in a surface
mount chip. Both leadless versions provide maximum flexibility for mechanical circuit attachment and circuit
configuration.
The RFX is available in a wide range of ohmic values from 50Ω to 800Ω affording maximum flexibility in controlled
impedance transmission line design and termination. Applications include RF/microwave power amplifiers, power
splitters, cell base stations and circulators/isolators.


Similar Part No. - HFR-RFH72LF-C800OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01030 IRCTT-HFR-RFA100LF-01030 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01220 IRCTT-HFR-RFA100LF-01220 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01230 IRCTT-HFR-RFA100LF-01230 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-02020 IRCTT-HFR-RFA100LF-02020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFH72LF-C800OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
PFC-W0402HF-01-50R0-K IRCTT-PFC-W0402HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
HFR-PCS0816SLF-50R0 IRCTT-HFR-PCS0816SLF-50R0 Datasheet
234Kb / 2P
   Fixed Surface Mount Microwave Line Terminators
logo
RHOPOINT COMPONENTS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
   HIGH POWER TERMINATORS
logo
IRC - a TT electronics ...
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 08-Jan-15
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
   High Frequency, Surface Mount, Molded
Revision 10-Sep-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com