Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL07C1001GS Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # RL07C1001GS
Description  Established Reliability Mil-Qualified Metal Glaze Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RL07C1001GS Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  RL07C1001GS Datasheet HTML 1Page - IRC - a TT electronics Company. RL07C1001GS Datasheet HTML 2Page - IRC - a TT electronics Company. RL07C1001GS Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
MIL Style
RL = Fixed Film Resistor.
Established reliability.
Power Rating
05 = 1/8 watt
07 = 1/4 watt
20 = 1/2 watt
Lead Material
C = Solderable/weldable leads
Resistance
First three digits represent significant figures;
fourth digit is number of zeros.
Tolerance
F = ±1%, G = ±2%
Failure Rate
S = 0.001% for 1000 hours (60% confidence)
Ordering Data
RLR
20
C 1001
F
S
Established Reliability
Mil-Qualified
Metal Glaze™ Resistor
100
80
60
0
0
125
150
175
Ambient Temperature (°C)
RLR
40
20
165
MIL Spec. Power Derating Chart
RLR Series Issue November 2008 Sheet 3 of 3


Similar Part No. - RL07C1001GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0703-13.77K-120-MS ETC2-RL0703-13.77K-120-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
logo
Amphenol Corporation
RL0703-13.77K-120-MS AMPHENOL-RL0703-13.77K-120-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
List of Unclassifed Man...
RL0703-1445-95-MS ETC2-RL0703-1445-95-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
logo
Amphenol Corporation
RL0703-1445-95-MS AMPHENOL-RL0703-1445-95-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
List of Unclassifed Man...
RL0703-27.68K-122-MS ETC2-RL0703-27.68K-122-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
More results

Similar Description - RL07C1001GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLR05C5101GS ETC2-RLR05C5101GS Datasheet
154Kb / 3P
   Established Reliability Mil-Qualified MEtal Glaze Resistor
logo
TT Electronics.
RLR20C2611FS-SLT TTELEC-RLR20C2611FS-SLT Datasheet
254Kb / 3P
   Established Reliability Mil-Qualified Metal Glaze??Resistor
logo
List of Unclassifed Man...
RLR07C1000GS ETC2-RLR07C1000GS Datasheet
211Kb / 3P
   Established Reliability Mil-QualifiedMetal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com