Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T431616A-7SI Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T431616A-7SI
Description  1M x 16 SDRAM????
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T431616A-7SI Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T431616A-7SI Datasheet HTML 2Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 3Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 4Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 5Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 6Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 7Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 8Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 9Page - Taiwan Memory Technology T431616A-7SI Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TE
CH
tm
T431616A
Taiwan Memory Technology, Inc. reserves the right P. 6
Publication Date: DEC. 2000
to change products or specifications without notice.
Revision: C
DC CHARACTERISTICS
TA = -5 to 70
°C / -40 to +85 °C , VIH(min)/VIL(max)=2.0V/0.8V
Speed version
Parameter
Symbol
-6
-7
-8
-10
Unit
Test Condition
Note
Operating Current
( One Bank Active)
ICC1
160
150
140
120 mA
Burst Length = 1
tRCtRC(min) ,tCCtCC(min),IOL= 0 mA
1,3
ICC2P
2
CKE
VIL(max),tCC=15ns
Precharge Standby
Current in power-
down mode
ICC2PS
2
mA
CKE
VIL(max),CLK VIL(max), tCC =•
3
ICC2N
30
CKE
VIH(min), CS VIH(min),tCC=15ns
Input signals are changed one time during 30ns
Precharge Standby
Current in non
power-down mode
ICC2NS
2
mA
CKE
VIH(min),CLK
VIL(min),tCC=•
Input signals are stable
3
ICC3P
10
CKE
VIL(max),tCC=15ns
Active Standby
Current in power-
down mode
ICC3PS
10
mA
CKE
VIL(max),CLK VIL(max),tCC=•
3
ICC3N
40
CKE
VIH(min), CS VIH(min),tCC=15ns
Input signals are changed one time during 30ns
Active Standby
Current in non
power-down mode
(One Bank Active) ICC3NS
10
mA
CKE
VIH(min),CLK
VIL(min),tCC=•
Input signals are stable
3
180
170
160
140
CAS Latency 3
Operating Current
(Burst Mode)
ICC4
180
170
160
140
mA
CAS Latency 2
IOL=0 mA,Page Burst
All Band Activated
tCCD= tCCD(min)
1,3
Refresh Current
ICC5
180
170
160
140 mA tRC tRC(min)
2,3
Self refresh
Current
ICC6
1
mA
CKE
0.2V
Note:
1. Measured with output open. Addresses are changed only one time during
tCC(min) .
2. Refresh period is 32ms. Addresses are changed only one time during
tCC(min) .
3.
tCC : Clock cycle time.
tRC : Row cycle time.
tCCD : Column address to column address delay time.


Similar Part No. - T431616A-7SI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-10C TMT-T431616B-10C Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-10S TMT-T431616B-10S Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-20C TMT-T431616B-20C Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-20S TMT-T431616B-20S Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
More results

Similar Description - T431616A-7SI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S161622E SAMSUNG-K4S161622E Datasheet
675Kb / 42P
   1M x 16 SDRAM
DS_K4S161622D SAMSUNG-DS_K4S161622D Datasheet
680Kb / 43P
   1M x 16 SDRAM
logo
Winbond
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JT WINBOND-W9864G6JT_13 Datasheet
867Kb / 42P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH WINBOND-W9864G6KH Datasheet
705Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com