Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-2608 Datasheet(PDF) 7 Page - BOSER Technology Co., Ltd

Part # HS-2608
Description  ULV Intel짰 Celeron짰 Processor Embedded Engine Board
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2608 Datasheet(HTML) 7 Page - BOSER Technology Co., Ltd

Back Button HS-2608_2 Datasheet HTML 3Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-2608_2 Datasheet HTML 11Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
1
Chapter 1
General Description
The HS-2608 v2.0 is a VIA VT8606 chipset-based board designed for
Mini PCI Local Bus and use ULV Intel® Celeron® processor
400MHz/650MHz. These features combine and make the HS-2608
v2.0 an ideal all-in-one industrial single board computer. Additional
features include an enhanced I/O with CF, CRT/LVDS, dual LAN,
audio, 4 COM, and USB ports interfaces.
Its onboard ATA/33/66/100 to IDE drive interface architecture allows
the HS-2608 v2.0 to support data transfers of 33, 66 or 100MB/sec. to
one IDE drive connection. Designed with the VIA VT8606 core logic
chipset, the board supports ULV Intel® Celeron® processor 400MHz/
650MHz.
The VIA VT8606 with 32MB shared main memory supporting
CRT/Panel displays up to 1280 x 1024 at 24bpp colors (CRT)/1024 x
768 at 18bpp colors (Panel). It also supports 18-bit dual channel LVDS
interface.
System memory is also sufficient with the one SO-DIMM socket that
can support up to 512MB.
Additional onboard connectors include an advanced USB port
providing faster data transmission, a DOS-compatible DiskOnChip
socket with a maximum capacity of 288MB. And two external RJ-45
connectors for 10/100 Based Ethernet use.


Similar Part No. - HS-2608_2

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2608/400MHz BOSER-HS-2608/400MHz Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
HS-2608/650MHz BOSER-HS-2608/650MHz Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
HS-2608 BOSER-HS-2608_1 Datasheet
1Mb / 82P
   Eden Embedded Engine Board
More results

Similar Description - HS-2608_2

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
   ULV Intel짰 Celeron짰 processor Embedded Engine Board
logo
AAEON Technology
AEC-6900 AAEON-AEC-6900 Datasheet
501Kb / 2P
   Fanless Design, Intel짰 ULV Celeron짰 650MHz Processor
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEC-6830 AAEON-AEC-6830 Datasheet
277Kb / 2P
   Fanless Design With Intel짰 ULV Celeron짰 650 MHz Processor
logo
Axiomtek Co., Ltd.
CAPA312 AXIOMTEK-CAPA312 Datasheet
276Kb / 1P
   3.5 Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor 3.5" Embedded SBC with Intel짰 Pentium짰 Processor N4200 & Celeron짰 Processor
logo
BOSER Technology Co., L...
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
   Eden processor Embedded Engine Board
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
   Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
HS-2608 BOSER-HS-2608 Datasheet
181Kb / 1P
   ULV Intel Celeron processor Embedded Engine Board with CF, CRT/LVDS, Dual LAN, Audio
logo
AAEON Technology
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
ETX-625 AAEON-ETX-625 Datasheet
672Kb / 1P
   Onboard Intel짰 LP Pentium짰 III/ ULV Celeron짰 Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com