Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF15X120T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF15X120T3G
Description  3 Phase bridge NPT IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF15X120T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF15X120T3G Datasheet HTML 1Page - Microsemi Corporation APTGF15X120T3G Datasheet HTML 2Page - Microsemi Corporation APTGF15X120T3G Datasheet HTML 3Page - Microsemi Corporation APTGF15X120T3G Datasheet HTML 4Page - Microsemi Corporation APTGF15X120T3G Datasheet HTML 5Page - Microsemi Corporation APTGF15X120T3G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGF15X120T3G
www.microsemi.com
5- 6
VGE = 15V
50
55
60
65
70
75
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Turn-On Delay Time vs Collector Current
VCE = 600V
RG = 33Ω
VGE=15V,
TJ=25°C
VGE=15V,
TJ=125°C
200
250
300
350
400
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Turn-Off Delay Time vs Collector Current
VCE = 600V
RG = 33Ω
VGE=15V
0
40
80
120
160
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Current Rise Time vs Collector Current
VCE = 600V
RG = 33Ω
TJ = 25°C
TJ = 125°C
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Current Fall Time vs Collector Current
VCE = 600V, VGE = 15V, RG = 33Ω
TJ=25°C,
VGE=15V
TJ=125°C,
VGE=15V
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Turn-On Energy Loss vs Collector Current
VCE = 600V
RG = 33Ω
TJ = 25°C
TJ = 125°C
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
35
ICE, Collector to Emitter Current (A)
Turn-Off Energy Loss vs Collector Current
VCE = 600V
VGE = 15V
RG = 33Ω
Eon, 15A
Eoff, 15A
0
1
2
3
4
5
6
7
8
020
40
60
80
100
120
Gate Resistance (Ohms)
Switching Energy Losses vs Gate Resistance
VCE = 600V
VGE = 15V
TJ= 125°C
0
5
10
15
20
25
30
35
0
400
800
1200
Reverse Bias Safe Operating Area
VCE, Collector to Emitter Voltage (V)


Similar Part No. - APTGF15X120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF15X120E2 ADPOW-APTGF15X120E2 Datasheet
244Kb / 4P
   3 Phase bridge NPT IGBT Power Module
APTGF15X120P2 ADPOW-APTGF15X120P2 Datasheet
244Kb / 4P
   3 Phase bridge NPT IGBT Power Module
More results

Similar Description - APTGF15X120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGS75X170E3 ADPOW-APTGS75X170E3 Datasheet
214Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGS75X170TE3 ADPOW-APTGS75X170TE3 Datasheet
220Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGF90X60E3 ADPOW-APTGF90X60E3 Datasheet
210Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGF20X60E2 ADPOW-APTGF20X60E2 Datasheet
245Kb / 4P
   3 Phase bridge NPT IGBT Power Module
APTGF30X60E2 ADPOW-APTGF30X60E2 Datasheet
238Kb / 4P
   3 Phase bridge NPT IGBT Power Module
APTGF90X60TE3 ADPOW-APTGF90X60TE3 Datasheet
220Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGF125X60E3 ADPOW-APTGF125X60E3 Datasheet
210Kb / 3P
   3 Phase bridge NPT IGBT Power Module
APTGF50X120E3 ADPOW-APTGF50X120E3 Datasheet
209Kb / 3P
   3 Phase bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50X60T3G MICROSEMI-APTGF50X60T3G Datasheet
318Kb / 6P
   3 Phase bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF15X120E2 ADPOW-APTGF15X120E2 Datasheet
244Kb / 4P
   3 Phase bridge NPT IGBT Power Module
APTGF25X120E2 ADPOW-APTGF25X120E2 Datasheet
244Kb / 4P
   3 Phase bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com