Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2316407A Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T2316407A
Description  4M x 4 DYNAMIC RAM EDO PAGE MODE???
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T2316407A Datasheet(HTML) 6 Page - Taiwan Memory Technology

  T2316407A Datasheet HTML 1Page - Taiwan Memory Technology T2316407A Datasheet HTML 2Page - Taiwan Memory Technology T2316407A Datasheet HTML 3Page - Taiwan Memory Technology T2316407A Datasheet HTML 4Page - Taiwan Memory Technology T2316407A Datasheet HTML 5Page - Taiwan Memory Technology T2316407A Datasheet HTML 6Page - Taiwan Memory Technology T2316407A Datasheet HTML 7Page - Taiwan Memory Technology T2316407A Datasheet HTML 8Page - Taiwan Memory Technology T2316407A Datasheet HTML 9Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TE
CH
tm
Preliminary T2316407A
Taiwan Memory Technology, Inc. reserves the right P. 6
Publication Date: APR. 2001
to change products or specifications without notice.
Revision:0.B
T2316405A
AC CHARACTERISTICS (continued)
-50
-60
-70
-10
AC CHARACTERISTICS
PARAMETER
SYM
Min Max Min Max Min Max Min Max
UNIT Notes
Output Buffer Turn-off to OE
tOFF2
0
12
0
15
0
20
0
25
ns
16
Write Command Setup Time
tWCS
0
0
0
0
ns
11,14
Write Command Hold Time
tWCH
8
10
13
15
ns
Write Command Hold Time (Reference
toRAS )
tWCR
21
24
27
40
ns
14
Write Command Pulse Width
tWP
8
10
10
15
ns
14
Write Command to RAS Lead Time
tRWL 10
10
13
25
ns
14
Write Command to CAS Lead Time
tCWL
8
10
13
25
ns
14
Data-in Setup Time
tDS
0
0
0
0
ns
12
Data-in Hold Time
tDH
8
10
13
20
ns
12
Data-in Hold Time (Reference to RAS )
tDHR 21
24
27
45
ns
RAS
to WE Delay Time
tRWD 64
79
94
130
ns
11
Column Address to WE Delay Time
tAWD 39
49
59
80
ns
11
CAS to WE Delay Time
tCWD 26
34
44
55
ns
11
Transition Time (rise or fall)
tT
2
50
2
50
2
50
2
50
ns
2,3
Refresh Period (2048 cycles)
tREF
32
32
32
32
ms
RAS
to CAS Precharge Time
tRPC
5
5
5
5
ns
CAS Setup Time (CBR REFRESH)
tCSR
5
10
10
10
ns
6
CAS Hold Time (CBR REFRESH)
tCHR
8
10
10
10
ns
6
OE Hold Time From WE During Read-
Modify-Write Cycle
tOEH
8
10
13
25
ns
15
OE Low to CAS High Setup Time
tOES
5
5
5
5
ns
OE
High Hold Time From CAS High
tOEH
C
5
5
5
5
ns
OE High Pulse Width
tOEP
10
10
10
10
ns
OE
Setup Prior to RAS During Hidden
Refresh Cycle
tORD
5
7
10
13
ns
Data Output Hold After CAS Returning Low tCOH
5
5
5
5
ns
Output Disable Delay From WE
tWHZ
10
15
20
25
ns


Similar Part No. - T2316407A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2316 ETC1-T2316 Datasheet
473Kb / 9P
   A range of professional quality tweezers
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-45 TMT-T2316160A-45 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-60 TMT-T2316160A-60 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results

Similar Description - T2316407A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com