Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM03A-J5P-010 Datasheet(PDF) 5 Page - DDK Ltd.

Part # CM03A-J5P-010
Description  DeviceNet Mini-style Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03A-J5P-010 Datasheet(HTML) 5 Page - DDK Ltd.

  CM03A-J5P-010 Datasheet HTML 1Page - DDK Ltd. CM03A-J5P-010 Datasheet HTML 2Page - DDK Ltd. CM03A-J5P-010 Datasheet HTML 3Page - DDK Ltd. CM03A-J5P-010 Datasheet HTML 4Page - DDK Ltd. CM03A-J5P-010 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
CM03A Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Terminating Resistor With Jack (Pin)
○ Cap
・Terminated between No.4 and No.5 with resistor, 121 ohm, 1/4watt.
P/N : CM03A-ER5P
Plug Cap
P/N:CM03-PRC
Receptacle Cap
P/N:CM03-RC
φ4.2
12.40
18.3
100
7/8-16UN-2B Thread
100
φ4.2
14
19.9
7/8-16UN-2A Thread
52
No.1
No.2
No.3
No.4
No.5
7/8- 16UN-2A


Similar Part No. - CM03A-J5P-010

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A-J5P-010 DDK-CM03A-J5P-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
More results

Similar Description - CM03A-J5P-010

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
logo
Molex Electronics Ltd.
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
   DeviceNet Thick Stranded Cable, Double Ended Mini-Change
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com