Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2316405A Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T2316405A
Description  4M x 4 DYNAMIC RAM EDO PAGE MODE???
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T2316405A Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T2316405A Datasheet HTML 1Page - Taiwan Memory Technology T2316405A Datasheet HTML 2Page - Taiwan Memory Technology T2316405A Datasheet HTML 3Page - Taiwan Memory Technology T2316405A Datasheet HTML 4Page - Taiwan Memory Technology T2316405A Datasheet HTML 5Page - Taiwan Memory Technology T2316405A Datasheet HTML 6Page - Taiwan Memory Technology T2316405A Datasheet HTML 7Page - Taiwan Memory Technology T2316405A Datasheet HTML 8Page - Taiwan Memory Technology T2316405A Datasheet HTML 9Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TE
CH
tm
Preliminary T2316407A
Taiwan Memory Technology, Inc. reserves the right P. 3
Publication Date: APR 2001
to change products or specifications without notice.
Revision:0.B
T2316405A
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative To Vss
VT
-0.5 to 4.6
V
Supply Voltage Relative To Vss
Vcc
-0.5 to 4.6
V
Short circuit Output Current
Iout
50
mA
Power Dissipation
PT
1
W
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature
Tstg
-55 to 125
°C
RECOMMENDED DC OPERATING CONDITIONS
(Ta = 0 to +70
°°C) For T2316405A-10 only
Parameter
Symbol
Min.
Typ
Max.
Unit
Notes
Vss
0
0
0
V
Supply Voltage
Vcc
2.4
2.6
2.8
V
1
Input High Voltage
VIH
2.0
-
Vcc+0.3V
V
1
Input Low Voltage
VIL
-0.3
-
0.8
V
1
(Ta = 0 to +70
°°C) For T2316407A-50/60/70 only
Parameter
Symbol
Min.
Typ
Max.
Unit
Notes
Vss
0
0
0
V
Supply Voltage
Vcc
3.0
3.3
3.6
V
1
Input High Voltage
VIH
2.0
-
Vcc+0.3V
V
1
Input Low Voltage
VIL
-0.3
-
0.8
V
1
Notes : 1. All voltages referenced to Vss


Similar Part No. - T2316405A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2316 ETC1-T2316 Datasheet
473Kb / 9P
   A range of professional quality tweezers
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-45 TMT-T2316160A-45 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-60 TMT-T2316160A-60 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results

Similar Description - T2316405A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A422604 AMICC-A422604 Datasheet
262Kb / 24P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604 Datasheet
265Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com