Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSO-ADH-230-TO8P Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SSO-ADH-230-TO8P
Description  APD with Peltier-cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SSO-ADH-230-TO8P Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SSO-ADH-230-TO8P Datasheet HTML 1Page - Roithner LaserTechnik GmbH SSO-ADH-230-TO8P Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specialities:
The SSO - AD - 230 - TO8P is a thermoelectrically cooled
APD with chip specially selected for low dark current and
low "dark count rate". Applications include photon
counting and other low light level sensing.
SSO-ADH-230-TO8P
APD with Peltier-cooler
active area
0,042 mm
2
∅ 230 µm 1)
dark current selection
(M=100)
typ. 200 pA
max. 500 pA
Total capacitance
(M=100)
typ. 2 pF
Break down voltage UBR
typ. 160 V
2)
Temperature coefficient of UBR
typ. 0,35 %/°C
Spectral responsivity at 780 nm
min. 0,40 A/W
typ. 0,45 A/W
Cut-off frequency
(-3dB)
typ. 1,4 GHz
Rise time
typ. 250 ps
3)
Optimum gain
(conventional AC - mode)
40 ... 60
“Excess Noise" factor
(M=40, no cooling)
typ. 2,2
N.E.P.
(M=100, 880 nm, no cooling)
typ. 1 * 10
-14 W/Hz½
Single stage Peltier-cooler
∆T (in ca. 20 sec)
typ. 50 K
min. 45 K
Peltier parameters
Imax = 0,8 A
Vmax = 0,97 V
Temperature sensor AD - 590
1 mV / K
4)
Package standard TO8
with 12 pins
fully hermetic
pin 1
Anode APD
pin 3
Cathode APD
pin 4
Peltier-cooler -
pin 5
Package
pin 6
Peltier-cooler +
pin 8
V+ T-Sensor
pin 9
V- T-Sensor
pin 2, 7, 10, 11, 12
n.c.
Measuring conditions:
1) also available with Chip SSO - AD - 500
2) Gain = 100, photo current 100 nA (Ip0 = 1 nA)
Setup of Break down voltage between
80 V and 350 V is possible during processing
3) 10 - 90 %, Gain = 100, 50
Ω, λ = 810 nm
4) at series resistance of 1 k
Ω and bias voltage of 5 V


Similar Part No. - SSO-ADH-230-TO8P

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SSO-ADH-1100-TO8P ROITHNER-SSO-ADH-1100-TO8P Datasheet
194Kb / 2P
   APD with Peltier - Cooler
More results

Similar Description - SSO-ADH-230-TO8P

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SSO-ADH-1100-TO8P ROITHNER-SSO-ADH-1100-TO8P Datasheet
194Kb / 2P
   APD with Peltier - Cooler
logo
Hamamatsu Corporation
C4777 HAMAMATSU-C4777_10 Datasheet
135Kb / 5P
   APD module APD module integrated with peripheral circuits
G10519-14 HAMAMATSU-G10519-14 Datasheet
62Kb / 2P
   InGaAs APD with preamp
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
   PELTIER MODULE
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
CP120 CUI-CP120 Datasheet
297Kb / 4P
   PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
   PELTIER MODULE
11/09/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com