Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T221160A-30S Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T221160A-30S
Description  64K x 16 DYNAMIC RAM FAST PAGE MODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T221160A-30S Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T221160A-30S Datasheet HTML 6Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 7Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 8Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 9Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 10Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 11Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 12Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 13Page - Taiwan Memory Technology T221160A-30S Datasheet HTML 14Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TE
CH
tm
T221160A
Taiwan Memory Technology, Inc. reserves the right P. 11
Publication Date:FEB. 2002
to change products or specifications without notice.
Revision:A
FAST-PAGE-MODE READ-EARLY-WRITE CYCLE
(Pseudo READ-MODIFY-WRITE)
t
RA S C
t
CR P
t
CS H
t
RC D
t
CA S
t
PC
t
CP
t
CA S
t
CP
t
CA S
t
RS H
t
RP
t
CP
t
AS R
t
RA H
t
AS C
t
RA D
t
AR
t
CA H
t
AS C
t
CA H
t
CA H
t
AS C
t
RA L
RO W
C O L UM N
C O L UM N
C O L UM N
R O W
V IH
V IL
RA S
V IH
V IL
CA S
V IH
V IL
ADDR
V IH
V IL
WE
V IO H
V IO L
I/ O
V IH
V IL
OE
t
PC
t
RC S
t
RC H
t
WC S
t
WC H
t
AA
t
RA C
t
CA C
t
AC P
t
CA C
t
AA
t
DH
t
DS
t
OAC
OP E
N
t
CR P
t
OF F 1
t
CL Z
t
OF F 1
VA I L D
DA T A ( A )
VA I L D
DA T A ( B )
VA I L D
D A T A IN
RAS ONLY REFRESH CYCLE
(ADDR=A0-A7 ;
OE , WE =DON‘T CARE)
VIH
VIL
RAS
VIH
VIL
CAS
VIH
VIL
ADDR
VOH
VOL
I/O
OPEN
ROW
ROW
tASR
tRAH
tCRP
tRPC
tRP
tRAS
t
RC
DON'T CARE
UNDEFINED
tOFF
Note1:Do not drive data prior to tristate.


Similar Part No. - T221160A-30S

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T221102 E-SWITCH-T221102 Datasheet
35Kb / 1P
   All Dimension In MM
logo
ZIEHL industrie-elektro...
T221120 ZIEHL-T221120 Datasheet
237Kb / 1P
   PTC-Resistor-Relay Type MS40ZT for Elevators
More results

Similar Description - T221160A-30S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com