Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V256A-85R Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T15V256A-85R
Description  32K X 8 LOW POWER CMOS STATIC RAM?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V256A-85R Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T15V256A-85R Datasheet HTML 2Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 3Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 4Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 5Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 6Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 7Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 8Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 9Page - Taiwan Memory Technology T15V256A-85R Datasheet HTML 10Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TE
CH
tm
T15V256A
Taiwan Memory Technology, Inc. reserves the right
P. 6
Publication Date: SEP. 2001
to change products or specifications without notice.
Revision:A
DATA RETENTION CHARACTERISTICS
Item
Symbol
Test Condition
Min
Typ
max
unit
Vcc for data retention
VDR
CS
≥≥ Vcc-0.2V
1.5
-
3.6
V
Data retention current
IDR
Vcc=3.0, CS
Vcc-0.2V
-
5
uA
Data retention set-up time
tSDR
0
-
-
Recovery time
tRDR
See data retention waveform
5
-
-
ms
DATA RETENTION WAVE FORM
Data Retention Mode
V
DR
> 1.5V
V cc_typ
t
SDR
VCC
CS
V
IH
CS >VCC-0.2V
V
IH
Vcc_TYP
t
RDR


Similar Part No. - T15V256A-85R

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V256A-85R TMT-T15V256A-85R Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-85RI TMT-T15V256A-85RI Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15V256A-85R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com