Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSO-AD-230-TO52-S1 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # SSO-AD-230-TO52-S1
Description  Avalanche Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SSO-AD-230-TO52-S1 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  SSO-AD-230-TO52-S1 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SSO-AD-230-TO52-S1 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special characteristics:
High gain at low bias voltage
Fast rise time
230 µm diameter active area
low capacitance
Package (TO52 S1) :
SSO-AD-230-TO52-S1
Avalanche Photodiode
Parameters:
active area
0,042 mm
2
∅ 230 µm
dark current
1)
(M=100)
max. 1,5 nA
typ. 0,6 nA
Total capacitance
1)
(M=100)
typ. 1,5 pF
Break-down voltage UBR
(at ID=2µA)
(90 ... 240)
typ. 120 - 190 V
Temperature coefficient of UBR
typ. 0,4 %/°C
Spectral responsivity
(at 780 nm)
min. 0,40 A/W
typ. 0,45 A/W
Cut-off frequency
(-3dB)
typ. 2 GHz
Rise time
typ. 180 ps
Optimum gain
50 - 60
Gain M
min 200
"Excess Noise" factor
(M=100)
typ. 2,2
"Excess Noise" index
(M=100)
typ. 0,2
Noise current
(M=100)
typ. 0,5 pA/Hz
½
N.E.P.
(M=100, 880 nm)
typ. 1 * 10
-14 W/Hz½
Operating temperature
Storage temperature
-20 ... +70°C
-60 ... +100°C
1) measurement conditions:
Setup of photo current 10nA at M=1 and irradiation by a
NIR-LED (880 nm, 80 nm bandwith).
Rise of the photo current up to 1 µA, (M=100) by internal
multiplication due to an increasing bias voltage.


Similar Part No. - SSO-AD-230-TO52-S1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SSO-AD-230-TO52 ROITHNER-SSO-AD-230-TO52 Datasheet
123Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
More results

Similar Description - SSO-AD-230-TO52-S1

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FPD5W1KX EUDYNA-FPD5W1KX Datasheet
184Kb / 6P
   Avalanche Photodiode
logo
Roithner LaserTechnik G...
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-800-TO5I ROITHNER-SSO-AD-800-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52 ROITHNER-SSO-AD-230-TO52 Datasheet
123Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
SSO-AD-1100-TO5I ROITHNER-SSO-AD-1100-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52-S1 ROITHNER-SSO-AD-500-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com