Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V256A-70D Datasheet(PDF) 11 Page - Taiwan Memory Technology

Part # T15V256A-70D
Description  32K X 8 LOW POWER CMOS STATIC RAM?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V256A-70D Datasheet(HTML) 11 Page - Taiwan Memory Technology

Back Button T15V256A-70D Datasheet HTML 3Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 4Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 5Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 6Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 7Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 8Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 9Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 10Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 11Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TE
CH
tm
T15V256A
Taiwan Memory Technology, Inc. reserves the right
P. 11
Publication Date: SEP. 2001
to change products or specifications without notice.
Revision:A
PACKAGE DIMENSIONS
28-LEAD TSOP-I
FORWARD AND REVERSE
(8X13.4mm)
SYMBOL
DIMENSIONS IN INCHES
DIMENSIONS IN MM
A
0.047(max.)
1.20(max.)
A1
0.004±0.002
0.10±0.05
A2
0.039±0.002
1.00±0.05
b
0.008(typ.)
0.20(typ.)
c
0.006(typ.)
0.15(typ.)
Db
0.465±0.004
11.80±0.10
E
0.315±0.004
8.00±0.10
e
0.022(typ.)
0.55(typ.)
D
0.528±0.008
13.40±0.20
L
0.020±0.004
0.50±0.10
L1
0.0315±0.004
0.80±0.10
y
0.004(max.)
0.10(max.)
θ
0
°°~5°°
0
°°~5°°
D
1
14
15
28
Db
"A"
C
b
e
A2
A
A1
E
L
L1
0.010
Detail "A"
Gauge plane
Seating plane
Seating plane
y


Similar Part No. - T15V256A-70D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V256A-70D TMT-T15V256A-70D Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-70DI TMT-T15V256A-70DI Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15V256A-70D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com