Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M1024A-100PI Datasheet(PDF) 10 Page - Taiwan Memory Technology

Part # T15M1024A-100PI
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M1024A-100PI Datasheet(HTML) 10 Page - Taiwan Memory Technology

Back Button T15M1024A-100PI Datasheet HTML 5Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 6Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 7Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 8Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 9Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 10Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 11Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 12Page - Taiwan Memory Technology T15M1024A-100PI Datasheet HTML 13Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TE
CH
tm
T15M1024A
TM Technology Inc. reserves the right
P. 10
Publication Date: FEB. 2002
to change products or specifications without notice.
Revision:A
PACKAGE DIMENSIONS
32-LEAD SOP
1
16
17
32
EHE
b
D
S
A
A2
A1
Seating Plane
e
y
See Detail F
LE
C
e1
L
e1
Detail F
Dimension in inches
Dimension in mm
Symbol
min.
typ.
max
min.
typ.
max.
A
-
-
0.118
-
-
3.00
A1
0.004
-
-
0.10
-
-
A2
0.101
0.106
0.111
2.57
2.69
2.82
b
0.014
0.016
0.020
0.36
0.41
0.51
C
0.006
0.008
0.012
0.15
0.20
0.31
D
-
0.805
0.817
-
20.45
20.75
E
0.440
0.445
0.450
11.18
11.30
11.43
e
0.044
0.050
0.056
1.12
1.27
1.42
HE
0.546
0.556
0.556
13.87
14.12
14.38
L
0.023
0.031
0.039
0.58
0.79
0.99
LE
0.047
0.055
0.063
1.19
1.40
1.60
S
-
-
0.036
-
-
0.91
y
-
-
0.004
-
-
0.10
θθθθ
0
°
-
10
°
0
°
-
10
°
Notes :
1. Dimensions D max. & S
include mold flash or tie bar
burrs.
2. Dimension b does not include
dambar protrusion / intrusion.
3. Dimensions D & E include
mold mismatch and determined
at the mold parting line.
4. controlling dimension : inches
5. general appearance spec should
be based on final visual
inspection spec.


Similar Part No. - T15M1024A-100PI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A-100PI TMT-T15M1024A-100PI Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M1024A-100PI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com