Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M256B-85P Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T15M256B-85P
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M256B-85P Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T15M256B-85P Datasheet HTML 1Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 2Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 3Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 4Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 5Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 6Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 7Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 8Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TE
CH
tm
T15M256B
TM Technology Inc. reserves the right
P. 1
Publication Date: MAY. 2002
to change products or specifications without notice.
Revision:A
SRAM
32K X 8 LOW POWER
CMOS STATIC RAM
FEATURES
• High speed access time: 50/70/85/100ns
• Low power supply current :
- Operating :35mA(max)
- Standby : 10uA
• Power supply : 5V (± 10%)
• Fully static operation – No clock or refreshing
required
• All inputs and outputs directly LVTTL
compatible
• Common I/O capability
• Data retention voltage : 1.5V (min)
• Available packages :
28-pin DIP(600mil),SOJ, SOP, TSOP-I
(8x13.4mm forward type and reverse type).
• Operating temperature :
-
0 ~ +70
°C
-
-40 ~ +85
°C
PART NUMBER EXAMPLES
PART NO.
PACKAGE
CODE
Operating
Temperature
T15M256B-70N
T15M256B-70J
T15M256B-70D
T15M256B-85P
T15M256B-85R
N=DIP
J=SOJ
D=SOP
P= TSOP-I(Forward)
R= TSOP-I(Reverse)
0 ~ +70
°C
T15M256B-70NI
T15M256B-70JI
T15M256B-70DI
T15M256B-85PI
T15M256B-85RI
N=DIP
J=SOJ
D=SOP
P= TSOP-I(Forward)
R= TSOP-I(Reverse)
-40 ~ +85
°C
GENERAL DESCRIPTION
The T15M256B is a low power CMOS static
RAM. organized as 32,768 x 8 bits that operates
on a single 5-volt power supply. Low operating
and standby current . Data retention is guaranteed
at a power supply voltage as low as 1.5V. This
device
is
packaged
in
a
standard
28-pin
DIP(600mil), SOJ, SOP, TSOP-I forward and
reverse type.
BLOCK DIAGRAM
DECODER
CONTROL
A0
A14
CS
OE
WE
← I/ O1
← I/ O8
Vcc
DATA I/O
CORE
ARRAY
Vss
.
.
.
.
.


Similar Part No. - T15M256B-85P

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M256B-85P TMT-T15M256B-85P Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B-85PI TMT-T15M256B-85PI Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M256B-85P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com