Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE-32BA-S-D Datasheet(PDF) 6 Page - DDK Ltd.

Part # CE-32BA-S-D
Description  Waterproof Circular Connectors Conforming to European Safety Standards
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE-32BA-S-D Datasheet(HTML) 6 Page - DDK Ltd.

Back Button CE-32BA-S-D Datasheet HTML 2Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 3Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 4Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 5Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 6Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 7Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 8Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 9Page - DDK Ltd. CE-32BA-S-D Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE05 Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Plug Connector
P/N : CE05-6A18-10 S D Y -D-BSS
Part Number
A
B-0.38
C 1
DE 0.5
G-0.25
H 0.1
(J)
CE05-6A10SL-3SC-D
5/8-24UNEF-2B
22.22
24.0
9/16-24UNEF-2A
7.50
12.5
5.6
13.2
CE05-6A14S-2SD-D
7/8-20UNEF-2B
28.57
24.0
3/4-20UNEF-2A
8.46
17.0
5.6
13.2
CE05-6A18-10SD-D
1 1/8-18UNEF-2B
34.13
33.7
1-20UNEF-2A
11.74
23.5
6.4
19.0
CE05-6A18-10PD-D
1.7
CE05-6A18-12SD-D
5.6
CE05-6A20-4SD-D
1 1/4-18UNEF-2B
37.28
34.1
1 1/8-18UNEF-2A
12.16
26.8
6.0
19.0
CE05-6A20-4PD-D
1.7
CE05-6A20-15SD-D
6.0
CE05-6A20-15PD-D
1.7
CE05-6A20-18SDE-D
6.17
CE05-6A22-22SD-D
1 3/8-18UNEF-2B
40.48
34.1
1 1/4-18UNEF-2A
14.65
29.9
9.3
19.0
CE05-6A22-22PD-D
4.2
CE05-6A22-23SD-D
6.1
CE05-6A22-23PD-D
1.3
CE05-6A24-10SD-D
1 1/2-18UNEF-2B
43.63
36.6
1 3/8-18UNEF-2A
13.42
32.9
6.8
19.4
CE05-6A24-10SG-D
6.8
CE05-6A24-11SGH-D
6.8
CE05-6A32-17SD-D
2-18UNS-2B
56.33
37.0
1 7/8-16UN-2A
13.14
45.3
9.2
19.4
CE05-6A32-17PD-D
8.7
+0
+0.25
A
(J)
C
E
H
D
Key
Note 1 : CE05-6A □□ - □□ P □ -D has reverse style of the contacts which are the pin contacts.
The mating half connectors should have the socket contacts.
Note 2 : Contact conduit manufacturers when you use conduits since no conduit is available
from our product line.
① Shell Style
6A:Straght Plug
8A:Angle Plug
② Shell Size
10SL, 14S, 18, 20, 22, 24 and 32
③ Insert Arrangement
Refer to page 3
④ Contact Style
P : Pin Contact
S : Socket Contact
Ground Contact
Refer to page 3
⑥ Alternate Insert Position
Omit : Standard
W. X. Y. Z : Refer to page 4
⑦ Finish
D:Black Trivalent Chromium Treatment
⑧ Backshell
Omit : Without Backshell
BSS : Straight Backshell    
BAS : Angle Backshell
② ③
④⑤ ⑥


Similar Part No. - CE-32BA-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE-32BA-S-D DDK-CE-32BA-S-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE-32BA-S-D DDK-CE-32BA-S-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - CE-32BA-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE05-2A10SL-3PC-D DDK-CE05-2A10SL-3PC-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
   Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com