Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM02-8DP5SDD1-FG Datasheet(PDF) 2 Page - DDK Ltd.

Part # CM02-8DP5SDD1-FG
Description  DeviceNet Micro-Style Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02-8DP5SDD1-FG Datasheet(HTML) 2 Page - DDK Ltd.

  CM02-8DP5SDD1-FG Datasheet HTML 1Page - DDK Ltd. CM02-8DP5SDD1-FG Datasheet HTML 2Page - DDK Ltd. CM02-8DP5SDD1-FG Datasheet HTML 3Page - DDK Ltd. CM02-8DP5SDD1-FG Datasheet HTML 4Page - DDK Ltd. CM02-8DP5SDD1-FG Datasheet HTML 5Page - DDK Ltd. CM02-8DP5SDD1-FG Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
2
30.85
29.35
25.9
24.4
Item
Conductor Size
AWG 22 - AWG 24
AWG 18 - AWG 20
A set of crimp tool for straight contacts
357J-19811
357J-17917
Contents
Hand Tool
357J-12610
357J-12610
Locator
357J-18918
357J-18918
Inspection Gauge 2
357J-19779-2
357J-17900-2
A set of crimp tool for angle contacts
357J-19812
357J-17898
Contents
Hand Tool
357J-12610
357J-12610
Locator
357J-17899
357J-17899
Inspection Gauge 1
357J-19779-1
357J-17900-1
Inspection Gauge 2
357J-19779-2
357J-17900-2
Item
Conductor Size
AWG 18-AWG 20
A set of crimp tool for angle contacts
357J-21598
Contents
Hand Tool
357J-12610
Locator
357J-17899
Inspection Gauge 2
357J-17900-2
・For DeviceNet Plug and Jack
Highly reliable crimp termination can be made for
the straight plug and the straight jack. Two kinds
of crimp tools are needed since a connector has a
straight contact and angle contacts of which style
are different. However the locater can be removed
and you can use one hand tool for termination if
you have two locators each for the straight contact
and the angle contacts.
・For CC-Link Plug and Jack
The connectors for CC-Link network will have four
(4) angle contacts and the style of contact is only
one. It is feasible for you to terminate the cable to
the contacts by one kind of the crimp tool for angle
contacts.
Straight Pin Contact
Angle Pin Contact
Straight Socket Contact
Angle Socket Contact
RoHS
Compliant
RoHS
Compliant
Item
Plug (With Socket Contacts)
Jack (With Pin Contacts)
Resistor (With Pin or Socket Contacts)
Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Coupling Ring
Copper Alloy/Nickel Plating
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Backshell Nut
Aluminum Alloy/Black
Aluminum Alloy/Black
Aluminum Alloy/Black
Contact Holder
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Backshell
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Clamp Nut
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
O-Ring
Synthetic Rubber/Black
Synthetic Rubber/Black
Synthetic Rubber/Black
Gasket
Synthetic Rubber/Black
Synthetic Rubber/Black for Socket
Bushing
Synthetic Rubber/Black
Synthetic Rubber/Black
Item
“T”Tap
Receptacle
(With Pin Contacts)
Plug Receptacle
(With Socket Contacts)
Insulator
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Coupling Ring
Zinc Alloy/Nickel Plating
Shell
Copper Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
Nut Washer
Copper Alloy/Nickel Plating
Copper Alloy/Nickel Plating
Gasket(Mating Side)
Synthetic Rubber/Black
Synthetic Rubber/Black
Gasket(Mounting Side)
Synthetic Rubber/Black
Synthetic Rubber/Black
Overmolding Resin
Plastic(UL94V-0)/Black
MATERIAL/FINISH
CRIMP TOOL
◆ CONFIGURATION OF CONTACTS


Similar Part No. - CM02-8DP5SDD1-FG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02-8DP5SD(D1)-FG DDK-CM02-8DP5SD(D1)-FG Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
More results

Similar Description - CM02-8DP5SDD1-FG

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
CM03A DDK-CM03A Datasheet
292Kb / 5P
   DeviceNet Mini-style Connectors
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
logo
Molex Electronics Ltd.
1300390336 MOLEX-1300390336 Datasheet
45Kb / 2P
   DeviceNet Micro-Change (M12) Pass-Through 4 Port
03/11/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com