Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M256A Datasheet(PDF) 8 Page - Taiwan Memory Technology

Part # T15M256A
Description  32K X 8 LOW POWER CMOS STATIC RAM????
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M256A Datasheet(HTML) 8 Page - Taiwan Memory Technology

Back Button T15M256A Datasheet HTML 2Page - Taiwan Memory Technology T15M256A Datasheet HTML 3Page - Taiwan Memory Technology T15M256A Datasheet HTML 4Page - Taiwan Memory Technology T15M256A Datasheet HTML 5Page - Taiwan Memory Technology T15M256A Datasheet HTML 6Page - Taiwan Memory Technology T15M256A Datasheet HTML 7Page - Taiwan Memory Technology T15M256A Datasheet HTML 8Page - Taiwan Memory Technology T15M256A Datasheet HTML 9Page - Taiwan Memory Technology T15M256A Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TE
CH
tm
T15M256A
Taiwan Memory Technology, Inc. reserves the right
P. 8
Publication Date: APR. 2001
to change products or specifications without notice.
Revision: C
PACKAGE DIMENSIONS
28-LEAD SOJ SRAM (300 mil)
SYMBOL
DIMENSIONS IN INCHES
DIMENSIONS IN MM
A
0.710±0.002
18.03±0.05
B
0.300±0.005
7.62±0.13
C
0.060±0.002
1.52±0.05
D
0.050±0.001
1.27±0.03
E
0.063±0.001
1.63±0.03
F
0.015±0.002
0.38±0.05
G
0.030±0.002
0.76±0.05
H
0.050±0.002
1.27±0.05
I
0.018±0.002
0.46±0.05
J
0.028±0.002
0.71±0.05
K
0.337±0.002
8.56±0.05
L
0.010±0.001
0.25±0.03
M
0.026±0.002
0.66±0.05
N
0.268±0.003
6.81±0.08
O
0.300±0.002
7.62±0.05
P
0.053±0.001
1.35±0.03
Q
0.140±0.004
3.56±0.10
y
0.004(MAX)
0.10(MAX)


Similar Part No. - T15M256A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B TMT-T15M256B Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B-70D TMT-T15M256B-70D Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B-70D TMT-T15M256B-70D Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B-70DG TMT-T15M256B-70DG Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M256A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com