Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M1024A-55D Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T15M1024A-55D
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M1024A-55D Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T15M1024A-55D Datasheet HTML 1Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 2Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 3Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 4Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 5Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 6Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 7Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 8Page - Taiwan Memory Technology T15M1024A-55D Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TE
CH
tm
T15M1024A
TM Technology Inc. reserves the right
P. 5
Publication Date: FEB. 2002
to change products or specifications without notice.
Revision:A
RECOMMENDED OPERATING CONDITIONS
(Ta = 0 ~ +70
°C /-40°C to 85°C**)
PARAMETER
SYM
MIN
MAX
UNIT
Vcc
4.5
5.5
V
Supply Voltage
Gnd
0.0
0.0
V
V
IH
0.6Vcc
Vcc+0.3
V
Input Voltage
V
IL
-0.3
0.4
V
CAPACITANCE
(f = 1 MHz, Ta = 25
°C,)
PARAMETER
SYMBOL
CONDITION
MAX.
UNIT
Input Capacitance
C
IN
V
IN
= 0V
6
pF
Input/ Output Capacitance
C
I/O
V
IN
=
V
OUT = 0V
8
pF
Note: This parameter is guaranteed by device characterization and is not production tested.
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels
0.4V to 0.6Vcc
Input Rise and Fall Times
5.0 ns
Input and Output Timing Reference Level
1.5V
C
L =30pF+1TTL Load(55ns/70ns)
Output Load
C
L =100pF+1TTL Load(Load for 100ns)
AC TEST LOADS AND WAVEFORM
DQ
Z
0 = 50 ohm
50 ohm
30 pF
Vt =1.5V
Fig.A * Including Scope and Jig Capacitance
TTL
C
L*
Fig.B Output Load Equivalent
R
L
C
L


Similar Part No. - T15M1024A-55D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A-55D TMT-T15M1024A-55D Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-55DI TMT-T15M1024A-55DI Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M1024A-55D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com