Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01-2A24-14PCX-D0S Datasheet(PDF) 4 Page - DDK Ltd.

Part # CE01-2A24-14PCX-D0S
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-2A24-14PCX-D0S Datasheet(HTML) 4 Page - DDK Ltd.

  CE01-2A24-14PCX-D0S Datasheet HTML 1Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 2Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 3Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 4Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 5Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 6Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 7Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 8Page - DDK Ltd. CE01-2A24-14PCX-D0S Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
4
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Box Mount Receptacle
Shell Size
Number of
Contact
Part Number
A
B
S
R
Contact
Size
L Min.
Pin
Insert
Socket
Insert
18
5
CE01-2A18-11 □ C-D0
24.9
3.2
35.0
26.97
# 12
46
43.0
10
CE01-2A18-1 □ C-D0
# 16
43
38.0
19
CE01-2A18-19A □ C-D0
# 20
40
36.5
20
7
CE01-2A20-15 □ C-D0
29.6
3.2
38.1
29.36
# 12
46
43.0
17
CE01-2A20-29 □ C-D0
# 16
43
38.0
30
CE01-2A20-30A □ C-D0
# 20
40
36.5
22
4
CE01-2A22-22 □ C-D0
31.8
3.2
41.3
31.75
# 8
48
48.0
8
CE01-2A22-23 □ C-D0
# 12
46
43.0
19
CE01-2A22-14 □ C-D0
# 16
43
38.0
24
7
CE01-2A24-10 □ C-D0
35.0
4.2
44.3
34.92
# 8
48
48.0
24
CE01-2A24-28 □ C-D0
# 16
43
38.0
52
CE01-2A24-52A □ C-D0
# 20
40
36.5
28
37
CE01-2A28-21 □ C-D0
41.3
4.2
50.8
39.67
# 16
43
38.0
73
CE01-2A28-73A □ C-D0
# 20
40
36.5
① Connector Style
2A : Box Mount Receptacle
② Shell Size
18, 20, 22, 24 and 28
③ Insert Arrangement
Refer to page 2.
④ Contact Style
P:Pin Contact
S:Socket Contact
⑤ Contact Type
C : Crimp Contact
⑥ Alternate Insert
Position
Omit : Standard Position
W, X, Y, Z : Refer to page 3.
⑦ Plating /Finish
D:Zinc Plating / Black Trivelent Chromium Treatment
⑧ Contact
0 : Less Contact (Available separately)
⑨ Gasket
Omit : Less Gasket
 S : With Gasket
Note: Gasket is applicable to box receptacle only.
Place a gasket on the rear of the flange. (thickness 1.6mm)
CE01-2A22-14PCW-D 0S
② ③
④⑤ ⑥
⑦ ⑧ ⑨
36
19.9
2.7
1.6
□S
±0.5
□R
±0.13
+0.3
-0.1
4-∅B
Pre-mating
Contact Position Symbol
Master Keyway
Gasket


Similar Part No. - CE01-2A24-14PCX-D0S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-2A24-14PCX-D0S DDK-CE01-2A24-14PCX-D0S Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-2A24-14PCX-D0S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com