Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK730 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # TK730
Description  Professional Clamp Meter Test Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

TK730 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  TK730 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
TK730 ..........True RMS Professional Clamp Meter Test Kit
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/1/08 - R1
Kit Includes:
Model EX730 800A True RMS 4000 count
AC/DC Clamp-on MultiMeter with test leads
and temperature probe
Model 42510 Wide range mini IR Thermometer
measures from -58 to 1000°F (-50 to 538°C)
plus built-in laser pointer identifies target area;
8:1 distance to target ratio
Model 480172 Line Splitter enables user of
a clamp meter to measure AC Current on a
2-wire or 3-wire power cord to 15A
Model DV20 Non-contact voltage detector
detects AC Voltage to 600VAC
Supplied in an attractive storage case that
provides protection and organization for the
meters whenever
they are needed
Dimensions: 9.5x6.8x2.8" (241x173x71mm);
Weight: 2.6lbs (1.2kg)
True RMS Professional Clamp with InfraRed Thermometer
Specially designed for professionals who service and install Electrical/HVAC equipment
Professional Clamp Meter Test Kit
True RMS Clamp meter gives you accurate
readings of non-sinusoidal waveforms
Electrical Troubleshooting for hot
spot detection
Save
$83!


Similar Part No. - TK730

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200M TOKO-TK73200M Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL TOKO-TK73200MCL Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73200MCL/C00 TOKO-TK73200MCL/C00 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK73211 TOKO-TK73211 Datasheet
117Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK730

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TK32 EXTECH-TK32 Datasheet
122Kb / 3P
   True RMS Professional Electrical HVAC Current Clamp Meter Test Kit
MA620-K EXTECH-MA620-K Datasheet
568Kb / 1P
   Industrial DMM/Clamp Meter Test Kit
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
   Phase Rotation/Clamp Meter Test Kit
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
   Basic Electrical HVAC Current Clamp Meter Test Kit
TL808-KIT EXTECH-TL808-KIT Datasheet
266Kb / 1P
   Professional Test Lead Kit
ETK35 EXTECH-ETK35 Datasheet
1,008Kb / 1P
   ETK35 Electrical Test Kit with TRMS AC/DC Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
   Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
   Clamp Meter
logo
Extech Instruments Corp...
TK505 EXTECH-TK505 Datasheet
269Kb / 1P
   Professional MultiMeter Kit
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
   HVAC CLAMP METER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com