Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM02B-8DJ4P-050 Datasheet(PDF) 4 Page - DDK Ltd.

Part # CM02B-8DJ4P-050
Description  M12 Sized & Sealed Circular Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM02B-8DJ4P-050 Datasheet(HTML) 4 Page - DDK Ltd.

  CM02B-8DJ4P-050 Datasheet HTML 1Page - DDK Ltd. CM02B-8DJ4P-050 Datasheet HTML 2Page - DDK Ltd. CM02B-8DJ4P-050 Datasheet HTML 3Page - DDK Ltd. CM02B-8DJ4P-050 Datasheet HTML 4Page - DDK Ltd. CM02B-8DJ4P-050 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
CM02B Series
http://www.ddknet.co.jp
Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Plug Receptacle with Metal Shell and Socket Contacts
○ Plug Insert Assembly with Socket Contacts for PCB Mount
4
2.5
2.5
10
15
3.5
Coding Pin
φ1.4
φ1.6±0.1
45°
4-φ1
3.2
PCB Mounting Dimension
P/N
CM02-8DP4SD(D1)-FG
9
Panel Thickness : 3mmMax.
28.5
16
6.3
M16×1Thread
M12×1Thread
Solder Cup Dia.1.3
19
0
+0.3
φ16
Panel Cutout Dimension
1
2
3
4
M12×1.0Thread
M16×1.0Thread
15.8
19
φ16
+0.1
0
(Panel Thickness : 3mm Max.)
Panel Cutout Dimension
9
Panel Thickness : 3mmMax.
28.5
16
6.3
M16×1Thread
M12×1Thread
Dip Tail Dia.φ2
Land
4-φ2.2
5
PCB Mounting Dimension
19
0
+0.3
φ1
6
Panel Cutout Dimiension
Soldering
Soldering
Solder Dip
◎ CM01 Series
◎ CM01 Series
P/N
CM02-8DPR4S-CF
P/N
CM01-8DPRA-4SD-CF(01)
P/N
CM01-8DPRA-4S-CF(01)
・P C B Contacts
・Rear-mount configuration
・Rear-mount configuration
・P C B Contacts
・No shell
・Rear-mount configuration


Similar Part No. - CM02B-8DJ4P-050

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B-8DJ4P-050 DDK-CM02B-8DJ4P-050 Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
More results

Similar Description - CM02B-8DJ4P-050

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02BA-8DP4S-010 DDK-CM02BA-8DP4S-010 Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com