Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-LNRD-BPAB-FA Datasheet(PDF) 4 Page - DDK Ltd.

Part # BNC-LNRD-BPAB-FA
Description  BNC Isolated Receptacle(PCB Mounting)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-LNRD-BPAB-FA Datasheet(HTML) 4 Page - DDK Ltd.

  BNC-LNRD-BPAB-FA Datasheet HTML 1Page - DDK Ltd. BNC-LNRD-BPAB-FA Datasheet HTML 2Page - DDK Ltd. BNC-LNRD-BPAB-FA Datasheet HTML 3Page - DDK Ltd. BNC-LNRD-BPAB-FA Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC- □ □ RD Series
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○Vertical Mounting Style (with Flange)
Note ※ Board lock style requires φ 4.5 land.
Boad lock pins also requires soldering when mounting.
4
BNC-SFRD- □□□□ -FA
Contact Plating
A:Ag Plating
B:Au Plating
Housing Color
B:Black
W:White
P:Board Lock
S:Thread (Attached)
4.75
2.54
11.43
29.2
1.2
8.64
12
(35)
1/2−28UNEF−2A
<Board Lock Type>
<Thread Type>
SG
PCB Mounting Dimensions(t=1.6)
Panel Mounting Dimension
2-φ4.5(Land)
2-φ1.5(Land)
11.43 0.05
2.54 0.05
22.86 0.05
2-φ0.89 0.08(Thru-hole)
2-φ3.3 0.05(Thru-hole)
φ
12.9
+0.1
0
4.75
2.54
11.43
29.2
1.2
8.64 12.0
(35.0)
1/2−28UNEF−2A
Board Lock
PCB Mounting Hole
0.6
2.4
1/2−28UNEF−2B
Hex Diagonal Width:14
Lock Washer Hex Nut
*Option
Panel Mounting Fitting
Lock Washer
Hex Nut
Pan-head
Screw
Hex Nut
※Option
※Attached
Panel Mounting Fitting
PCB Mounting Fitting
0.6
2.4
1/2−28UNEF−2B
Hex Diagonal Width:14
Panel Mounting Hex Nut, Lock Washer
A:with Hex Nut, Lock Washer
B:without Hex Nut, Lock Washer


Similar Part No. - BNC-LNRD-BPAB-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-LNRD-BPAB-FA DDK-BNC-LNRD-BPAB-FA Datasheet
711Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
More results

Similar Description - BNC-LNRD-BPAB-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-LFRD-BPAA-FA DDK-BNC-LFRD-BPAA-FA Datasheet
711Kb / 4P
   BNC Isolated Receptacle(PCB Mounting)
logo
Winchester Electronics ...
SD754-21-5 WINCHESTER-SD754-21-5 Datasheet
72Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
SD754-36-9 WINCHESTER-SD754-36-9 Datasheet
55Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
logo
Vitesse Semiconductor C...
SD754-36-9 VITESSE-SD754-36-9 Datasheet
55Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
SD754-21-5 VITESSE-SD754-21-5 Datasheet
72Kb / 1P
   RECEPTACLE, ISOLATED GROUND, BNC
logo
Winchester Electronics ...
SDKC-79-125 WINCHESTER-SDKC-79-125 Datasheet
53Kb / 1P
   RECEPTACLE, PANEL, ISOLATED GROUND, BNC
logo
Amphenol Corporation
031-10-RFXG1 AMPHENOL-031-10-RFXG1 Datasheet
116Kb / 1P
   BNC BULKHEAD RECEPTACLE ISOLATED JACK
logo
Amphenol RF.
31-10-RFXG1 RF-31-10-RFXG1 Datasheet
104Kb / 1P
   BNC BULKHEAD RECEPTACLE ISOLATED JACK
04/13/00
logo
DDK Ltd.
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com