Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-PJ-2.5V-CR Datasheet(PDF) 10 Page - DDK Ltd.

Part # BNC-PJ-2.5V-CR
Description  BNC Type Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-PJ-2.5V-CR Datasheet(HTML) 10 Page - DDK Ltd.

Back Button BNC-PJ-2.5V-CR Datasheet HTML 5Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 6Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 7Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 8Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 9Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 10Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 11Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 12Page - DDK Ltd. BNC-PJ-2.5V-CR Datasheet HTML 13Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
 
BNC Series
Unit : mm
■ Bulkhead Receptacle
P/N
Finish
Shell
Contact
BNC-RB2
Ag
Ag
BNC-RB2-Ni
Ni
Ag
BNC-RB2-NiCAu
Ni
Au
P/N
Finish
Shell
Contact
UG-625/U
Ag
Ag
UG-625/U-Ni
Ni
Ag
P/N
Finish
Shell
Contact
UG-604/U
Ag
Ag
UG-604/U-Ni-1
Ni
Ag
26.3
12.6
1.5
Hex.12.7
Panel Thickness:1.2 ~ 3.5
φ11.3
+0.1
-0
Mounting Hole
26.3
12.6
1.5
Hex.12.7
Panel Thickness:1.2 ~ 3.5
φ11.3
+0.1
-0
Mounting Hole
Panel Thickness:0.7 ~ 2.4
Hex.12.7
13.7
26.3
8.5
+0.1
-0
φ9.6
+0.1
-0
Mounting Hole
1.0
10


Similar Part No. - BNC-PJ-2.5V-CR

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BNC-PJ-1.5DV-1 HIROSE-BNC-PJ-1.5DV-1 Datasheet
628Kb / 8P
   RFCO-AXIAL CONNECTORS
More results

Similar Description - BNC-PJ-2.5V-CR

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
31-10 DDK-31-10 Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com