Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH390 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # RH390
Description  Digital Psychrometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RH390 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  RH390 Datasheet HTML 1Page - Extech Instruments Corporation. RH390 Datasheet HTML 2Page - Extech Instruments Corporation. RH390 Datasheet HTML 3Page - Extech Instruments Corporation. RH390 Datasheet HTML 4Page - Extech Instruments Corporation. RH390 Datasheet HTML 5Page - Extech Instruments Corporation. RH390 Datasheet HTML 6Page - Extech Instruments Corporation. RH390 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RH390 V2.0 03/05
2
Specifications
Function
Range and Resolution
Accuracy
Humidity
0.0 to 100.0%RH
±2%RH (20% to 90%)
±3%RH (10% to 20% and 90 to 95%)
±4%RH typical at 1% and 99%
Temperature
-4.0 to 158.0
oF
(-20 to 70
oC)
±1.8
oF (±1oC)
-22.0 to – 3.9
oF
and 158.1 to 199.0
oF
(-30.0 to -19.9
oC
and 70.1 to 100.0
oC)
±2.7
oF (±1.5oC)
Display
Dual LCD
Response Time:
<30 seconds (90% of final value in moving air)
Sensor Type
Humidity: Precision capacitance sensor
Temperature: Thermistor
Wet Bulb
32 to 176°F (0 to 80°C) (calculated from RH and Air
temperature measurements)
Dew Point
-22 to 199°F (-30 to 100°C) (calculated from RH and Air
temperature measurements)
Operating Conditions 32 to 122
oF (0 to 50oC); < 80% RH non-condensing
Storage Conditions
-40 to 185
oF (-40 to 85oC); <99% RH non-condensing
Power Supply
9 Volt battery
Battery Life
Approx. 24 hours
Dimensions / Weight 7.8 x 1.7 x 1.3” (200 x 45 x 33mm); 7 oz. (200g)
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free
of defects in parts and workmanship for one year from date of shipment (a six
month limited warranty applies to sensors and cables). If it should become
necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for
authorization or visit our website www.extech.com for contact information. A
Return Authorization (RA) number must be issued before any product is returned
to Extech. The sender is responsible for shipping charges, freight, insurance and
proper packaging to prevent damage in transit. This warranty does not apply to
defects resulting from action of the user such as misuse, improper wiring,
operation
outside
of
specification,
improper
maintenance
or
repair,
or
unauthorized modification. Extech specifically disclaims any implied warranties
or merchantability or fitness for a specific purpose and will not be liable for any
direct, indirect, incidental or consequential damages. Extech's total liability is
limited to repair or replacement of the product. The warranty set forth above is
inclusive and no other warranty, whether written or oral, is expressed or implied.


Similar Part No. - RH390

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH300 EXTECH-RH300 Datasheet
212Kb / 1P
   Digital Psychrometer
RH300-C33 EXTECH-RH300-C33 Datasheet
203Kb / 1P
   Big Digit Hygro-Thermometer
RH300-C75 EXTECH-RH300-C75 Datasheet
203Kb / 1P
   Big Digit Hygro-Thermometer
RH300-CAL EXTECH-RH300-CAL Datasheet
199Kb / 1P
   Temperature and Humidity Datalogger
RH300-CAL EXTECH-RH300-CAL Datasheet
121Kb / 8P
   Heavy Duty Dissolved Oxygen Meter
More results

Similar Description - RH390

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH300-CAL EXTECH-RH300-CAL Datasheet
212Kb / 1P
   Digital Psychrometer
RH305 EXTECH-RH305 Datasheet
212Kb / 1P
   Digital Psychrometer
RH300 EXTECH-RH300 Datasheet
212Kb / 1P
   Digital Psychrometer
RH401 EXTECH-RH401 Datasheet
153Kb / 8P
   Digital Psychrometer IR Thermometer
RH350 EXTECH-RH350 Datasheet
159Kb / 6P
   SuperHeat Psychrometer
RH350 EXTECH-RH350_15 Datasheet
175Kb / 1P
   SuperHeat Psychrometer
451181 EXTECH-451181 Datasheet
332Kb / 13P
   Datalogging / Printing Anemometer Psychrometer
MO295 EXTECH-MO295_15 Datasheet
111Kb / 1P
   Pinless Moisture Psychrometer IR Thermometer
HD500 EXTECH-HD500 Datasheet
193Kb / 10P
   Heavy Duty Psychrometer IR Thermometer
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com