Electronic Components Datasheet Search |
|
CE02-2A24-10P-D Datasheet(PDF) 2 Page - DDK Ltd. |
|
CE02-2A24-10P-D Datasheet(HTML) 2 Page - DDK Ltd. |
2 / 3 page Unit:mm http://www.ddknet.co.jp CE02-2A Series ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○Insert Arrangements 2 ○ Alternate Insert Positions Insert No. Contact Size/ Number of Contact Alternate Insert Key Positions WX Y Z 18-10P # 12 / 4 120 240 18-12P # 16 / 6 80 280 20-15P # 12 / 7 80 280 20-29P # 16 / 17 80 280 22-14P # 19 / 19 80 110 250 280 22-22P # 8 / 4 110 250 22-23P # 12 / 8 35 24-10P # 8/ 7 80 280 Number of Contact 46 7 17 Insert No. 18-10 18-12 20-15 20-29 Insert Arrangement Contact Size # 12 # 16 # 12 # 16 Number of Contact 19 4 8 7 Insert No. 22-14 22-22 22-23 24-10 Insert Arrangement Contact Size # 16 # 8 # 12 # 8 16 #12 #8 #4 #0 C D B A A B C D F E F E DC B G A F J T G L K M H C D E R S P N B A U T S R P N M L K J H GF E B A D C DA B C A B C D E F G H E G C D B F A Contact Size Symbol Note : Each of the inserts in the CE02 series is viewed from its coupling side. All keys are set at their standard positions. MIL-DTL-5015 Compatible, Pin insert Only X θ=120 Front View of Pin Insert (For Model CE02-2A18-10PX-D) Alternate insert key positions, W, X, Y and Z prevent cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement. Receptacle Shell Pin Insert Retaining Ring Diagram |
Similar Part No. - CE02-2A24-10P-D |
|
Similar Description - CE02-2A24-10P-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |