Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV110 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MV110
Description  Digital MultiMeters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MV110 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MV110 Datasheet HTML 1Page - Extech Instruments Corporation. MV110 Datasheet HTML 2Page - Extech Instruments Corporation. MV110 Datasheet HTML 3Page - Extech Instruments Corporation. MV110 Datasheet HTML 4Page - Extech Instruments Corporation. MV110 Datasheet HTML 5Page - Extech Instruments Corporation. MV110 Datasheet HTML 6Page - Extech Instruments Corporation. MV110 Datasheet HTML 7Page - Extech Instruments Corporation. MV110 Datasheet HTML 8Page - Extech Instruments Corporation. MV110 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Specifications
General Specifications
Display
1999 count 3 1/2 digit, adjustable angle (MV-110, MV-120)
19999 count 4 1/2 digit, adjustable display (MV-130)
Sample Rate
Approximately 2 - 3 per second
Input warning
Alarm sounds with test leads in the A or 10A socket and the wrong function is selected.
Fuse Protection
2A (A socket), 0.2A (mA socket), 10A or 20A range not fused
Power Supply
9V battery (NEDA 1604 or equivalent)
Range selection
Manual
Over-range Indication
"1"
Auto Off
Unit switches off after 15 minutes of inactivity
Low Battery Indication
battery symbol
Operating Temperature /
Humidity
32
0F to 1040F (00C to 400C) / < 75% RH
Storage Temperature
14
0F to 1220F (-100C to 500C)
Dimension / Weight
7.3 x 3.5 x 1.3" (185x89x32mm) LxWxH / approx. 9.7 oz. (300 grams)


Similar Part No. - MV110

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MV11T1AD MTRONPTI-MV11T1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV11T1AD MTRONPTI-MV11T1AD Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV11T1AD-R MTRONPTI-MV11T1AD-R Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV11T1AD-R MTRONPTI-MV11T1AD-R Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV11T1AG MTRONPTI-MV11T1AG Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results

Similar Description - MV110

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com