Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC75-P-3C2W-CR10A Datasheet(PDF) 3 Page - DDK Ltd.

Part # BNC75-P-3C2W-CR10A
Description  75廓 BNC Type Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC75-P-3C2W-CR10A Datasheet(HTML) 3 Page - DDK Ltd.

  BNC75-P-3C2W-CR10A Datasheet HTML 1Page - DDK Ltd. BNC75-P-3C2W-CR10A Datasheet HTML 2Page - DDK Ltd. BNC75-P-3C2W-CR10A Datasheet HTML 3Page - DDK Ltd. BNC75-P-3C2W-CR10A Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
BNC75 Series
Unit : mm
 
■ Bulkhead Jack
P/N
Applicable
Cable
Finish
Hand Crimp
Tool P/N
Shell
Contact
BNC75-BJ-2.5C2W-CR1
2.5C-2W
Ni
Au
2.5C-QEW
■ Panel Jack
P/N
Applicable
Cable
φA
L
Finish
Hand Crimp
Tool P/N
Shell
Contact
BNC75-PJ-3CW-CR10B
3C-2WS 11.8 32.6
Ni
Au
CR-H-1132
BNC75-PJ-3C2V-CR1
3C-2V
11.3 30.0
Ni
Au
CR-H-16776
P/N
Applicable
Cable
L
Finish
Hand Crimp
Tool P/N
Shell
Contact
BNC75-PJ-1.5CCA-EXBV
1.5CCA-EXBV
34.5
Ni
Au
CR-H-1101
BNC75-PJ-1.5CV-CR2
1.5C-2V
33.0
Ni
Au
CR-H-1101
1.5C-QEV
BNC75-PJ-2.5V-CR-Ni
2.5C-2V
34.5
Ni
Ag
CR-H-1110
33.2
218
L
14.0
2.3
4-φ3.1
12.7
17.5
4-φ3.1
+0.1
-0
φA
+0.1
-0
12.7 ± 0.05
Mounting Hole
L
15.8
2.3
12.7
17.5
4-φ3
4-φ3.1
+0.1
-0
φ11.5
+0.1
-0
12.7 ± 0.05
Mounting Hole
3


Similar Part No. - BNC75-P-3C2W-CR10A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-P-3CW-CR10B-CF DDK-BNC75-P-3CW-CR10B-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
More results

Similar Description - BNC75-P-3C2W-CR10A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Pomona Electronics
7042 POMONA-7042 Datasheet
264Kb / 2P
   BNC (M) Crimp 75 廓
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
logo
Amphenol Corporation
031-80104 AMPHENOL-031-80104 Datasheet
5Mb / 6P
   High Performance 75 廓 BNC
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Rosenberger Hochfrequen...
53S171-K00N3 ROSENBERGER-53S171-K00N3 Datasheet
178Kb / 2P
   MATCHING ATTENUATOR N 50廓 PLUG ??BNC 75廓 JACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com