Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01 Datasheet(PDF) 3 Page - DDK Ltd.

Part # CE01
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01 Datasheet(HTML) 3 Page - DDK Ltd.

  CE01 Datasheet HTML 1Page - DDK Ltd. CE01 Datasheet HTML 2Page - DDK Ltd. CE01 Datasheet HTML 3Page - DDK Ltd. CE01 Datasheet HTML 4Page - DDK Ltd. CE01 Datasheet HTML 5Page - DDK Ltd. CE01 Datasheet HTML 6Page - DDK Ltd. CE01 Datasheet HTML 7Page - DDK Ltd. CE01 Datasheet HTML 8Page - DDK Ltd. CE01 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Cable Receptacle
○ Diagram
Note: Cover insert is available for socket insert with #16 or #20 contacts only.
Receptacle
Plug
Pin Contact
Socket Contact
Plug Shell
Coupling Ring
Cover Insert
Socket Insert
Gronud Clip
O Ring
Receptacle Shell
Retaining Ring
Retaining Ring
Pin Insert
Gronud Clip
① Connector Style
1A : Cable Receptacle
② Shell Size
18, 20, 22, 24 and 28
③ Insert Arrangement
Refer to page 2.
④ Contact Style
P:Pin Contact
S:Socket Contact
⑤ Contact Type
C : Crimp Contact
⑥ Alternate Insert
Position
Omit : Standard Position
W, X, Y, Z : Refer to page 3.
⑦ Plating /Finish
D:Zinc Plating / Black Trivelent Chromium Treatment
⑧ Contact
0 : Less Contact (Available separately)
CE01-1A22-14PCW-D0
② ③
④⑤ ⑥
⑦ ⑧
Shell Size
Number of
Contact
Part Number
A
V
Contact
Size
L Min.
Pin
Insert
Socket
Insert
18
5
CE01-1A18-11 □ C-D0
28.87
1-20UNEF-2A
# 12
46
43.0
10
CE01-1A18-1 □ C-D0
# 16
43
38.0
19
CE01-1A18-19A □ C-D0
# 20
40
36.5
20
7
CE01-1A20-15 □ C-D0
33.95
1 1/8-18UNEF-2A
# 12
46
43.0
17
CE01-1A20-29 □ C-D0
# 16
43
38.0
30
CE01-1A20-30A □ C-D0
# 20
40
36.5
22
4
CE01-1A22-22 □ C-D0
35.22
1 1/4-18UNEF-2A
# 8
48
48.0
8
CE01-1A22-23 □ C-D0
# 12
46
43.0
19
CE01-1A22-14 □ C-D0
# 16
43
38.0
24
7
CE01-1A24-10 □ C-D0
38.39
1 3/8-18UNEF-2A
# 8
48
48.0
24
CE01-1A24-28 □ C-D0
# 16
43
38.0
52
CE01-1A24-52A □ C-D0
# 20
40
36.5
28
37
CE01-1A28-21 □ C-D0
44.74
1 5/8-18UNEF-2A
# 16
43
38.0
73
CE01-1A28-73A □ C-D0
# 20
40
36.5
36
L
Pre-mating
Contact Position Symbol
Master Keyway
V Thread


Similar Part No. - CE01

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-18BS-D DDK-CE01-18BS-D Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-18BSL-DS DDK-CE01-18BSL-DS Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-11PCW-D0 DDK-CE01-1A18-11PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-11PCX-D0 DDK-CE01-1A18-11PCX-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-11PCY-D0 DDK-CE01-1A18-11PCY-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com