Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN35 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # MN35
Description  Manual Ranging Mini MultiMeter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MN35 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  MN35 Datasheet HTML 1Page - Extech Instruments Corporation. MN35 Datasheet HTML 2Page - Extech Instruments Corporation. MN35 Datasheet HTML 3Page - Extech Instruments Corporation. MN35 Datasheet HTML 4Page - Extech Instruments Corporation. MN35 Datasheet HTML 5Page - Extech Instruments Corporation. MN35 Datasheet HTML 6Page - Extech Instruments Corporation. MN35 Datasheet HTML 7Page - Extech Instruments Corporation. MN35 Datasheet HTML 8Page - Extech Instruments Corporation. MN35 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MN35 V2.0 2/05
5
Continuity Check
Audible signal will sound if the resistance is less than
approximately <40
Ω ± 5Ω
Temperature sensor Requires type K thermocouple
Input Impedance
10M
Ω (VDC) and 4.5MΩ (VAC)
Display
1999 count LCD
Overrange
“1 or -1” is displayed
Polarity
Automatic (no indication for positive polarity); Minus
(-) sign for negative polarity.
Measurement Rate 3 times per second, nominal
Low Battery
” is displayed if battery voltage drops below
operating voltage
Batteries
Requires one 9V battery (NEDA 1604 or equivalent)
Fuses
mA range; 250mA/250V fast blow
10A range, no protection
Operating Temp
32
oF to 104oF (0oC to 40oC)
Storage Temp
-4
oF to 140oF (-20oC to 60oC)
Relative Humidity Maximum relative humidity 80% for temperatures up
to 31
°C decreasing linearly to 50% relative humidity
at 40
°C.
Operating Altitude 7000ft (2000 meters) maximum.
Weight
5.4 oz. (153g).
Size
5.43” x 2.83” x 1.5” (138mm x 72mm x 38mm)
Safety
For indoor use and in accordance with Overvoltage
Category II, Pollution Degree 2. Category II includes
local level, appliance, portable equipment, etc., with
transient overvoltages less than Overvoltage
Category III.
Symbols
AC (voltage)
DC (direct current or voltage)
•)))
Continuity and Diode test
mV, V
millivolt, volt (voltage)
Ω, kΩ, MΩ
ohm, kilohm, megohm (resistance)
µA, mA, A
microamp, milliamp, Amp (current)
ºF, ºC
Degrees fahrenheit, centigrade (temperature)
º
Low battery
HOLD
Display hold


Similar Part No. - MN35

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
   D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
   D/A Converter for Digital Audio Equipment
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results

Similar Description - MN35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
   Digital Multimeter, Manual-Ranging, 600V
logo
Extech Instruments Corp...
MN36 EXTECH-MN36 Datasheet
95Kb / 2P
   Auto-Ranging Mini MultiMeter
logo
List of Unclassifed Man...
MM400 ETC-MM400 Datasheet
63Kb / 1P
   Digital Multimeter, Auto-Ranging, 600V
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
   Mini Pocket MultiMeter
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
EX210 EXTECH-EX210 Datasheet
383Kb / 1P
   Mini Digital MultiMeter IR Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com