Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-P-5 Datasheet(PDF) 1 Page - DDK Ltd.

Part # BNC-P-5
Description  BNC Type Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-5 Datasheet(HTML) 1 Page - DDK Ltd.

  BNC-P-5 Datasheet HTML 1Page - DDK Ltd. BNC-P-5 Datasheet HTML 2Page - DDK Ltd. BNC-P-5 Datasheet HTML 3Page - DDK Ltd. BNC-P-5 Datasheet HTML 4Page - DDK Ltd. BNC-P-5 Datasheet HTML 5Page - DDK Ltd. BNC-P-5 Datasheet HTML 6Page - DDK Ltd. BNC-P-5 Datasheet HTML 7Page - DDK Ltd. BNC-P-5 Datasheet HTML 8Page - DDK Ltd. BNC-P-5 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
BNC Series
BNC series is most widely used as 50 Ω coaxial
cable connectors.
This series is used specially for interface of fre
-
quent fit-in/pull-out instruments by small size/
light weight bayonet lock mechanism.
Note:
BNC series is intermateable with BNC75 series.
(75Ω group)
If 75 Ω cable is used for this series, the fre
-
quency to be applied must be below 200MHz.
For more than 200MHz, BNC75 series must be
used.
JIS-C-5412、 MIL-C-39012、 DSP-C-6202、 NTTSpec No.2095
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
BNC Type Connectors
CONFORMING STANDARD
SPECIFICATION
Characteristic Impedance
50Ω
Dielectric withstanding voltage
1500V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
3mΩ max.
VSWR
1.3max. at DC~2GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Silver or Nickel plating
Contact (male)
Copper alloy/Silver or Gold plating
Contact (female)
Copper alloy/Silver or Gold plating
Insulators
PTFE
Gaskets
Silicone rubber
1


Similar Part No. - BNC-P-5

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-58U-CF DDK-BNC-P-58U-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-58U-CF DDK-BNC-P-58U-CF Datasheet
435Kb / 15P
   BNC Style Connector
BNC-P-58U-Ni-CF DDK-BNC-P-58U-Ni-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
BNC-P-58U-Ni-CF DDK-BNC-P-58U-Ni-CF Datasheet
435Kb / 15P
   BNC Style Connector
More results

Similar Description - BNC-P-5

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
31-10 DDK-31-10 Datasheet
120Kb / 2P
   BNC (Isolated) Receptacle Connectors Commercial Type
logo
Amphenol Corporation
000-46650-75 AMPHENOL-000-46650-75 Datasheet
4Mb / 16P
   BNC Connectors
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
   BNC FEEDTHROUGH CONNECTORS
logo
Winchester Electronics ...
SBC1407B WINCHESTER-SBC1407B Datasheet
53Kb / 2P
   Standard BNC Connectors
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
   Specifications for BNC Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
KTH-2258 ETC2-KTH-2258 Datasheet
1Mb / 2P
   Long Barrel BNC Connectors
logo
Winchester Electronics ...
HBC179DT WINCHESTER-HBC179DT Datasheet
57Kb / 2P
   High Definition BNC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com