Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ40 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # EZ40
Description  EzFlex Combustible Gas Leak Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EZ40 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  EZ40 Datasheet HTML 1Page - Extech Instruments Corporation. EZ40 Datasheet HTML 2Page - Extech Instruments Corporation. EZ40 Datasheet HTML 3Page - Extech Instruments Corporation. EZ40 Datasheet HTML 4Page - Extech Instruments Corporation. EZ40 Datasheet HTML 5Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EZ40 V1.0 05/06
4
Maintenance
Caution! Storing in a damp environment will damage the sensor!
Battery Replacement
If the green READY LED flashes or does not illuminate, the batteries need
to be replaced. The battery compartment is located at the rear of the EZ40.
Replace the three “C” batteries by sliding the battery compartment door and
accessing the battery compartment. Ensure that the compartment cover is
securely fastened when finished.
Cleaning and Storage
Wipe the meter only with a damp cloth as needed. Do not apply abrasive,
solvents, or other cleaners to the surface of the meter or sensor. Store with the batteries
removed and avoid extreme temperature and humidity.
Specifications
Gases Detected
Natural Gas, Methane, Ethane, Propane, Butane, Acetone,
Alcohol, Ammonia, Gasoline, Jet Fuel, Hydrogen Sulfide,
Smoke, Industrial Solvents, Lacquer Thinner, Naphtha,
Carbon Monoxide (indication only, not to quantify),
Sensitivity
50 ppm methane
Sensor
Solid State
Alarm
Visual and Audible at minimum 10% LEL (40% max) for
Methane
Warm-up
Approx. 5 minute
Response Time
Less than 2 seconds (up to 40% LEL)
Duty Cycle
Intermittent
Power supply
3 x “C” 1.5V alkaline batteries
Battery life
Approx. 8 hours continuous use typical
Operating Temperature
32 to 122
oF (0 to 50oC)
Storage Temperature
-22 to 140
oF (-30 to 60oC)
Operating Humidity
10 to 90% RH (non condensing)
Approvals
CE
Dimensions
8.7 x 2.83 x 1.8” (221 x 72 x 46mm); gooseneck 16” (40cm)
Weight
18.4oz (520g)
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also provides
NIST certification for most products. Call the Customer Service Department for information
on calibration services available for this product. Extech recommends that annual
calibrations be performed to verify meter performance and accuracy.


Similar Part No. - EZ40

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
EZ400 MARKTECH-EZ400 Datasheet
294Kb / 5P
   Gen II LED
EZ400 MARKTECH-EZ400_15 Datasheet
294Kb / 5P
   Gen II LED
logo
Extech Instruments Corp...
EZ40 EXTECH-EZ40_15 Datasheet
185Kb / 1P
   EzFlex??Combustible Gas Detector
More results

Similar Description - EZ40

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EZ40 EXTECH-EZ40_15 Datasheet
185Kb / 1P
   EzFlex??Combustible Gas Detector
FG100 EXTECH-FG100_15 Datasheet
107Kb / 1P
   Combustible Gas Leak Detector
FG100 EXTECH-FG100 Datasheet
52Kb / 1P
   Gas Leak Detector
CO52 EXTECH-CO52 Datasheet
235Kb / 2P
   Gas Leak Detector
logo
Testo SE & Co. KGaA
TESTO317-2 TESTO-TESTO317-2 Datasheet
142Kb / 2P
   Gas-Leak Detector
logo
Bosch Sensortec GmbH
D382 BOSCH-D382 Datasheet
226Kb / 3P
   Combustible Gas Detector
logo
Agilent(Hewlett-Packard...
HLDBR30 HP-HLDBR30 Datasheet
609Kb / 2P
   Bench Helium Leak Detector
HLDPR02 HP-HLDPR02 Datasheet
197Kb / 2P
   Portable Helium Leak Detector
logo
Littelfuse
PC-102 LITTELFUSE-PC-102 Datasheet
244Kb / 1P
   Dual Seal-Leak Detector or Seal-Leak & Over-Temperature Detector
2016 Rev: 1-A-072916
logo
Agilent(Hewlett-Packard...
HLDMR15 HP-HLDMR15 Datasheet
214Kb / 2P
   Mobile Helium Leak Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com