Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX830 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # EX830
Description  1000 Amp Clamp Meters with IR Thermometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX830 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button EX830 Datasheet HTML 2Page - Extech Instruments Corporation. EX830 Datasheet HTML 3Page - Extech Instruments Corporation. EX830 Datasheet HTML 4Page - Extech Instruments Corporation. EX830 Datasheet HTML 5Page - Extech Instruments Corporation. EX830 Datasheet HTML 6Page - Extech Instruments Corporation. EX830 Datasheet HTML 7Page - Extech Instruments Corporation. EX830 Datasheet HTML 8Page - Extech Instruments Corporation. EX830 Datasheet HTML 9Page - Extech Instruments Corporation. EX830 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EX800 Series Version 3.2 8/07
6
Accuracy (% of reading + digits)
Function
Range and
Resolution
EX810
EX820
EX830
-4 to 1400
oF
NA
± (3%rdg + 9
oF)
± (3%rdg + 9
oF)
Temperature
(type-K)
-20 to 760
oC
NA
± (3%rdg + 5
oC)
± (3%rdg + 5
oC)
-58 to -4
°F
± 9 °F
± 9 °F
± 9 °F
-4 to 518
°F
±2.0% reading or
± 4°F
whichever is >
±2.0% reading or
± 4°F
whichever is >
±2.0% reading or
± 4°F
whichever is >
-50 to -20
°C
±5°C
±5°C
±5°C
Temp
(IR)
-20 to 270
°C
±2.0% reading or
±2°C
whichever is >
±2.0% reading or
±2°C
whichever is >
±2.0% reading or
±2°C
whichever is >
General Specifications
Clamp jaw opening
1.7" (43mm) approx.
Display
3-3/4 digits (4000 counts) backlit LCD
Continuity check
Threshold 40
Ω; Test current < 0.5mA
Diode test
Test current of 0.3mA typical;
Open circuit voltage < 3VDC typical
Low Battery indication
Battery symbol is displayed
Over-range indication
‘OL’ display
Measurement rate
2 readings per second, nominal
PEAK
Captures peaks >1ms
Thermocouple sensor
Type K thermocouple required
IR Spectral response
6 to 16µm
IR Emissivity
0.95 fixed
IR distance ratio
8:1
Input Impedance
10M
Ω (VDC and VAC)
AC bandwidth
50 to 400Hz (AAC and VAC)
AC response
True rms (AAC and VAC) on EX820 & EX830
Crest Factor
3.0 in 40A and 400A ranges, 1.4 in 1000A range (50/60Hz
and 5% to 100% of range)
Operating Temperature
41
°F to 104°F (5°C to 40°C)
Storage Temperature
-4
°F to 140°F (-20°C to 60°C)
Operating Humidity
Max 80% up to 87
°F (31°C) decreasing linearly to 50% at
104
°F(40°C)
Storage Humidity
<80%
Operating Altitude
7000ft. (2000meters) maximum.
Battery
One (1) 9V Battery (NEDA 1604)
Auto power OFF
After approx. 25 minutes
Dimensions & Weight
10.6x4.3x2” (270x110x50mm); 13.6 oz. (386g)
Safety
For indoor use and in accordance with the requirements for
double insulation to IEC1010-1 (2001): EN61010-1 (2001)
Overvoltage Category III 600V and Category II 1000V,
Pollution Degree 2.
Patent notice
U.S. Patent 7163336


Similar Part No. - EX830

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX830 EXTECH-EX830 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
logo
Axiomtek Co., Ltd.
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
   IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results

Similar Description - EX830

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX622 EXTECH-EX622_15 Datasheet
306Kb / 1P
   400A Dual Input Clamp Meters IR Thermometer NCV
EX613 EXTECH-EX613_15 Datasheet
306Kb / 1P
   400A Dual Input Clamp Meters IR Thermometer NCV
EX623-15 EXTECH-EX623-15 Datasheet
306Kb / 1P
   400A Dual Input Clamp Meters IR Thermometer NCV
EX830 EXTECH-EX830 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
EX810 EXTECH-EX810_15 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
EX820 EXTECH-EX820 Datasheet
243Kb / 1P
   1000A Clamp Meters with IR Thermometers
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
EX622 EXTECH-EX622 Datasheet
452Kb / 15P
   400Amp True RMS AC Clamp Meter with IR Thermometer
EX845 EXTECH-EX845 Datasheet
499Kb / 1P
   CAT IV 1000A Clamp Meter IR Thermometer
EX840 EXTECH-EX840 Datasheet
374Kb / 1P
   CAT IV 1000A Clamp Meter IR Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com