Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX710 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # EX710
Description  800 Amp Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX710 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button EX710 Datasheet HTML 4Page - Extech Instruments Corporation. EX710 Datasheet HTML 5Page - Extech Instruments Corporation. EX710 Datasheet HTML 6Page - Extech Instruments Corporation. EX710 Datasheet HTML 7Page - Extech Instruments Corporation. EX710 Datasheet HTML 8Page - Extech Instruments Corporation. EX710 Datasheet HTML 9Page - Extech Instruments Corporation. EX710 Datasheet HTML 10Page - Extech Instruments Corporation. EX710 Datasheet HTML 11Page - Extech Instruments Corporation. EX710 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EX700 Series Version 3.0 1/05
8
Resistance Measurements
1.
Insert the black test lead into the negative COM terminal and the red
test lead into the V·
Ω·CAP·TEMP·Hz·
positive terminal.
2.
Set the function switch to the
Ω position.
3.
Touch the test probe tips across the circuit or component under test.
4.
Read the resistance on the LCD display.
Capacitance Measurements
WARNING: To avoid electric shock, discharge the capacitor under test before measuring.
1.
Set the function switch to the CAP position.
2.
Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the V·
Ω·CAP·TEMP·Hz·
positive
jack.
3.
Touch the test probe tips across the part under test. If “dISC” appears
in the display, remove and discharge the component.
4.
Read the capacitance value in the display.
5.
The display will indicate the proper decimal point and value.
Note: For very large values of capacitance measurement it can take several
minutes before the final reading stabilizes.
Frequency Measurements
1.
Insert the black test lead banana plug into the negative COM jack and
the red test lead banana plug into the V·
Ω·CAP·TEMP·Hz·
positive
jack.
2.
Set the function switch to the V Hz Position.
3.
Press and hold the MODE button to select the Frequency (Hz)
function. “k Hz” will appear in the display.
4.
Touch the test probe tips across the part under test.
5.
Read the Frequency value on the display.
6.
The display will indicate the proper decimal point and value.
7.
Press and hold the MODE button again to return to the voltage mode.
CAP
Hz


Similar Part No. - EX710

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
   Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
logo
Extech Instruments Corp...
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
   800A Clamp Meter
More results

Similar Description - EX710

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Extech Instruments Corp...
EX810 EXTECH-EX810 Datasheet
347Kb / 13P
   1000 Amp Clamp Meters with IR Thermometer
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com