Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX622 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # EX622
Description  400Amp True RMS AC Clamp Meter with IR Thermometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX622 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button EX622 Datasheet HTML 5Page - Extech Instruments Corporation. EX622 Datasheet HTML 6Page - Extech Instruments Corporation. EX622 Datasheet HTML 7Page - Extech Instruments Corporation. EX622 Datasheet HTML 8Page - Extech Instruments Corporation. EX622 Datasheet HTML 9Page - Extech Instruments Corporation. EX622 Datasheet HTML 10Page - Extech Instruments Corporation. EX622 Datasheet HTML 11Page - Extech Instruments Corporation. EX622 Datasheet HTML 12Page - Extech Instruments Corporation. EX622 Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EX622 V2.2 07/08
9
μA DC/AC Current Measurements
1.
Slide the input shutter to the up position.
2.
Rotate the function switch to the
μA position.
3.
Press the MODE button to select AC or DC.
4.
Insert the black test lead banana plug into the negative COM jack.
Insert the red test lead banana plug into the positive
μA jack.
5.
Turn power to the circuit under test off and make a break in the circuit.
6.
Insert the meter in series with the circuit;
Touch the black test probe tip to the negative side of the break.
Touch the red test probe tip to the positive side of the break.
7.
Turn circuit power on.
8.
Read the current value in the display.
Type K Temperature Measurements
1.
Slide the input shutter to the down position.
2.
Rotate the function switch to the TYPE K temperature position.
3.
Press the MODE button to select °F or °C.
4.
Insert the Temperature Probe(s) into the T1 and/or T2 type k sockets.
5.
Place the temperature probe tip(s) where needed.
6.
Read the temperature on the display.
7.
Press the T1-T2 button to step through the display combinations:
Upper display
Lower display
a.
T1
T2
b.
T2
T1
c.
T1-T2
T1
d.
T1- T2
T2
Note: In case of an open input or a temperature overrange, the meter will display “- - - -” .


Similar Part No. - EX622

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX622 EXTECH-EX622_15 Datasheet
306Kb / 1P
   400A Dual Input Clamp Meters IR Thermometer NCV
More results

Similar Description - EX622

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX623 EXTECH-EX623 Datasheet
455Kb / 15P
   400Amp True RMS AC/DC Clamp Meter with IR Thermometer
EX612 EXTECH-EX612 Datasheet
385Kb / 14P
   400Amp True RMS AC Clamp Meter
EX613 EXTECH-EX613 Datasheet
384Kb / 14P
   400Amp True RMS AC/DC Clamp Meter
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
   True RMS Multimeter with IR Thermometer
MA620 EXTECH-MA620 Datasheet
296Kb / 12P
   600Amp AC True RMS Clamp Meter
MA410T EXTECH-MA410T_15 Datasheet
247Kb / 1P
   400A AC True RMS Clamp Meter NCV
MA410 EXTECH-MA410 Datasheet
216Kb / 12P
   400Amp AC Clamp Meter NCV
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
   600Amp AC/DC True RMS Clamp Meter
MA1500 EXTECH-MA1500 Datasheet
470Kb / 1P
   1500A True RMS AC/DC Clamp Meter NCV
logo
Fluke Corporation
381 FLUKE-381 Datasheet
121Kb / 2P
   381 Remote Display True-rms AC/DC Clamp Meter with iFlex?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com