Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPC-6169 Datasheet(PDF) 11 Page - BOSER Technology Co., Ltd

Part # BPC-6169
Description  15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6169 Datasheet(HTML) 11 Page - BOSER Technology Co., Ltd

Back Button BPC-6169_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 10Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 11Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 12Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 13Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 14Page - BOSER Technology Co., Ltd BPC-6169_1 Datasheet HTML 15Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
5
Chapter 2
Unpacking
2.1
Opening the Delivery Package
The BPC-6169 is packed in an anti-static bag. The board has
components that are easily damaged by static electricity. Do not
remove the anti-static wrapping until proper precautions have been
taken. Safety Instructions in front of this manual describe anti-static
precautions and procedures.
2.2
Inspection
After unpacking the Panel PC, place it on a raised surface and carefully
inspect the board for any damage that might have occurred during
shipment. Ground the board and exercise extreme care to prevent
damage to the board from static electricity.
Integrated circuits will sometimes come out of their sockets during
shipment. Examine all integrated circuits, particularly the BIOS,
processor, memory modules, ROM-Disk, and keyboard controller chip
to ensure that they are firmly seated. The BPC-6169 delivery package
contains the following items:
BPC-6169 Panel PC x 1
Power Cable x 1
Touch Screen Drive Diskette x 1 (optional)
Drive CD Disk x 1
SBC Manual x 1
User’s Manual x 1
It is recommended that you keep all the parts of the delivery package
intact and store them in a safe/dry place for any unforeseen event
requiring the return shipment of the product. In case you discover any
missing and/or damaged items from the list of items, please contact
your dealer immediately.


Similar Part No. - BPC-6169_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6169-I BOSER-BPC-6169-I Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6169-W BOSER-BPC-6169-W Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
More results

Similar Description - BPC-6169_1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-9151F ADVANTECH-IPPC-9151F Datasheet
314Kb / 2P
   15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
IPPC-6152F ADVANTECH-IPPC-6152F Datasheet
700Kb / 2P
   15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
SYS-6W6606-2S02 ADVANTECH-SYS-6W6606-2S02 Datasheet
458Kb / 2P
   Value Wallmount SBC LGA775 System with 3 PCI & 2 ISA Slots
IPPC-9171G ADVANTECH-IPPC-9171G Datasheet
489Kb / 2P
   17 SXGA TFT LCD Pentium 4 Industrial Panel PC with 2 x PCI Slots
IPPC-6172F ADVANTECH-IPPC-6172F Datasheet
497Kb / 2P
   17 SXGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with 2 x PCI Slots
AWS-8259 ADVANTECH-AWS-8259 Datasheet
181Kb / 2P
   15 XGA TFT LCD Industrial Workstation with 9 x ISA/PCI/PICMG Slots, Passive Backplane and Membrane Keypad
logo
BOSER Technology Co., L...
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
   15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
logo
Advantech Co., Ltd.
IPPC-6172A ADVANTECH-IPPC-6172A Datasheet
691Kb / 2P
   17 SXGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com