Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5640PW28 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC5640PW28
Description  Low Voltage Differential LVD SCSI 9 Line Terminator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5640PW28 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC5640PW28 Datasheet HTML 2Page - Texas Instruments UCC5640PW28 Datasheet HTML 3Page - Texas Instruments UCC5640PW28 Datasheet HTML 4Page - Texas Instruments UCC5640PW28 Datasheet HTML 5Page - Texas Instruments UCC5640PW28 Datasheet HTML 6Page - Texas Instruments UCC5640PW28 Datasheet HTML 7Page - Texas Instruments UCC5640PW28 Datasheet HTML 8Page - Texas Instruments UCC5640PW28 Datasheet HTML 9Page - Texas Instruments UCC5640PW28 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC5640PW24
ACTIVE
TSSOP
PW
24
60
None
CU SNPB
Level-2-220C-1 YEAR
UCC5640PW24TR
ACTIVE
TSSOP
PW
24
2000
None
CU SNPB
Level-2-220C-1 YEAR
UCC5640PW28
ACTIVE
TSSOP
PW
28
50
None
CU SNPB
Level-2-220C-1 YEAR
UCC5640PW28TR
ACTIVE
TSSOP
PW
28
2000
None
CU SNPB
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Feb-2005
Addendum-Page 1


Similar Part No. - UCC5640PW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640PW24TR TI-UCC5640PW24TR Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640PW24TRG4 TI-UCC5640PW24TRG4 Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
More results

Similar Description - UCC5640PW28

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5510 TI-UCC5510 Datasheet
40Kb / 4P
[Old version datasheet]   Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
[Old version datasheet]   Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255_06 Datasheet
221Kb / 7P
   9-Line LVD SCSI Terminator
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com