Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17LE-13370-28D4CD-FA Datasheet(PDF) 6 Page - DDK Ltd.

Part # 17LE-13370-28D4CD-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-13370-28D4CD-FA Datasheet(HTML) 6 Page - DDK Ltd.

  17LE-13370-28D4CD-FA Datasheet HTML 1Page - DDK Ltd. 17LE-13370-28D4CD-FA Datasheet HTML 2Page - DDK Ltd. 17LE-13370-28D4CD-FA Datasheet HTML 3Page - DDK Ltd. 17LE-13370-28D4CD-FA Datasheet HTML 4Page - DDK Ltd. 17LE-13370-28D4CD-FA Datasheet HTML 5Page - DDK Ltd. 17LE-13370-28D4CD-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Unit:mm
17LE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
6
○ 17LE Series Mounting Accessories Deviation
※ ASSEMBLED: The mounting accessories are assembled with connector.
 ATTACHED: The mounting accessories are attached separately.
  17LE-13 □□ 0-27-FA
  17LE-23 □□ 0-27-FA
None
None
Press in ground tab
17L-004E-FA
17LE-□3□□ 0-27(D41)-FA
Connector can not
be fastened on the
panel.
Stud
17L-002 □ and pan-
head screw(L=6) are
ASSEMBLED.
17LE-□3□□ 0-27(D2 □ )-FA
Ground tab
17L-004C-FA is
fastened by stud
17L-002 □ and pan-
head screw (L=7).
17LE-□3□□0-27(D2□C)-FA
Connector can not
be fastened on the
panel.
To prevent
loosening, screws
are locked by
adhesive.
Jack socket
17L-003 □ 1 and
hex nut(M3) are
ASSEMBLED.
17LE-□3□□ 0-27(D3 □ )-FA
Press in ground tab
17L-004B and jack
socket 17L-003 □ 1
is ASSEMBLED.
17LE-□3□□0-27(D3□B)-FA
Press in ground tab
17L-004D and jack
socket 17L-003 □ 1
is ASSEMBLED.
17LE-□3□□0-27(D3□D)-FA
Ground tab
17L-004C-FA is
fastened by jack
socket 17L-003 □ 1
and hex nut(M3).
17LE-□3□□0-27(D3□C)-FA
Press in ground tab
17L-004E-FA and
jack socket 17L-003
□ 1 is ASSEMBLED.
17LE-□3□□0-27(D3□H)-FA
Press in ground
tab 17L-004E-FA
and 17L-003 □ 1 is
ATTCHED.
17LE-□3□□0-27(D3□K)-FA
Connector can be
fastened on the
panel.
Panel thickness:
1.3 max.
Jack socket
17L-003 □ 3 and
hex nut(M3) are
ASSEMBLED.
17LE-□3□□ 0-27(D4 □ )-FA
Press in ground tab
17L-004B and jack
socket 17L-003 □ 3
is ASSEMBLED.
17LE-□3□□0-27(D4□B)-FA
Press in ground tab
17L-004D and jack
socket 17L-003 □ 3
is ASSEMBLED.
17LE-□3□□ 0-27(D4 □□ )-FA
Ground tab
17L-004C-FA is
fastened by jack
socket 17L-003 □ 3
and hex nut(M3).
17LE-□3□□0-27(D4□C)-FA
Press in ground tab
17L-004E-FA and
jack socket 17L-003
□ 3 is ASSEMBLED.
17LE-□3□□0-27(D4□H)-FA
Press in ground
tab17L-004E-FA
and 17L-003 □ 3 is
ATTACHED.
17LE-□3□□0-27(D4□K)-FA
17L-002 □
17L-003 □ 1
17L-003 □ 3
Stud
  Jack Socket
Part Number
Not available
□ : Thread Size (Stud) 
A:M2.60.45
B:M30.5
C:# 4-40UNC
Ground Tab
Part Number
Panel
Mounting
Operation
Type 1
Type 2
Type 3
17L-004B
17L-004D
17L-004C-FA
17L-004E-FA
t=1.6
M30.5
6.1
6.5
M3
4.8
7.8
M3
t=1.6
M30.5
φ3.2 Hole
Recommended
※ Above list shows combinations of ground tab, stud and
jack socket. The deviation is given in parentesis in each
sections. Regarding the detail, please contact our sales.
φ3.2 Hole
t=1.6
M30.5
t=0.8


Similar Part No. - 17LE-13370-28D4CD-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-13370-27(D2AB)-FA DDK-17LE-13370-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2AC)-FA DDK-17LE-13370-27(D2AC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2AD)-FA DDK-17LE-13370-27(D2AD)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2BB)-FA DDK-17LE-13370-27(D2BB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2BC)-FA DDK-17LE-13370-27(D2BC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
More results

Similar Description - 17LE-13370-28D4CD-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-1390-27(D2AB)-FA DDK-17LE-1390-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com