Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT100 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # DT100
Description  Ultrasonic Distance Finder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

DT100 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  DT100 Datasheet HTML 1Page - Extech Instruments Corporation. DT100 Datasheet HTML 2Page - Extech Instruments Corporation. DT100 Datasheet HTML 3Page - Extech Instruments Corporation. DT100 Datasheet HTML 4Page - Extech Instruments Corporation. DT100 Datasheet HTML 5Page - Extech Instruments Corporation. DT100 Datasheet HTML 6Page - Extech Instruments Corporation. DT100 Datasheet HTML 7Page - Extech Instruments Corporation. DT100 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Model DT100 V4.2 9/08
5
Preparation for Measurements
1.
Slide the ON –OFF switch to the ON position.
2.
Press the FT/m button to select the displayed units as Feet/Inches or Meters.
3.
Press the Fm/Bm button to select the Front (top of meter) or Base (bottom of
meter) distance reference. In the Front mode of operation, the displayed reading
will represent the distance from the top of the meter to the target. In the Back mode
of operation, the displayed reading will represent the distance from the bottom of
the meter to the target.
Distance Measurements
1.
Point the meter at the target.
2.
Press and Hold the READ button
3.
The meter will continuously display and update the distance in the display.
4.
Release the READ button and the last reading will remain in the display for 60
seconds.
Adding multiple measurements
A series of measurements can be taken and summed. This feature is useful for distances
greater than 50’ (15m) which is the instrument’s distance limit.
1.
Press the READ button to take the first measurement.
2.
Press the ADD button (+ will appear in the display).
3.
Press the READ button again to take another measurement.
4.
The sum of the two measurements will now be indicated on the meter’s display.
5.
Repeat steps 2 and 3 as needed to a display limit of 99’ 11” (99.99m)
Area Calculation
The DT100 allows the user to compute the area of a room.
1.
Press the AREA button.
2.
An ‘L’ will flash in the display on the two dimensional box icon to indicate that a
Length measurement is to be taken.
3.
Press READ to take the room length measurement.
4.
A ‘W’ will now flash to indicate that a Width measurement is to be taken next.
5.
Press the READ button to measure the room width.
6.
The Area will be indicated in the lower portion of the meter’s display.
7.
To redo the Area measurement, press the ESC button and then repeat steps 1
through 6.
8.
To enter a new mode of operation press the ESC button and proceed to a new
task.
9.
To store a reading in memory, press the M1, M2, or M3 key to select a memory
location. A short beep will sound indicating that the memory was stored.
10.
Press ESC to continue.


Similar Part No. - DT100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
DT100/150-C TDK-DT100/150-C Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
   PIC-BLE Development Board
12-17-19
logo
Dallas Semiconductor
DT100BK DALLAS-DT100BK Datasheet
2Mb / 7P
   An economical means of transferring power
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
   An affordable transition to USB 3.0.
More results

Similar Description - DT100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRF02 ETC2-SRF02 Datasheet
129Kb / 8P
   Ultrasonic range finder
logo
Honeywell Accelerometer...
SCN-1428SC HONEYWELL-ACC-SCN-1428SC Datasheet
173Kb / 2P
   Ultrasonic Distance Sensors
logo
List of Unclassifed Man...
HY-SRF05 ETC2-HY-SRF05 Datasheet
441Kb / 2P
   Ultrasonic distance sensor
logo
Microchip Technology
DM163026 MICROCHIP-DM163026 Datasheet
7Mb / 2P
   Fully functional ultrasonic range finder with LCD display
10/19/04
logo
SparkFun Electronics
TOL-15039 SPARKFUN-TOL-15039 Datasheet
75Kb / 1P
   Edge Finder
10??4??8
logo
Holtek Semiconductor In...
HT45F39 HOLTEK-HT45F39 Datasheet
4Mb / 102P
   Ultrasonic Distance Measurement 8-bit Flash MCU
logo
3M Electronics
PF12.1 3M-PF12.1 Datasheet
580Kb / 2P
   Vikuiti Privacy Filter Finder
logo
SparkFun Electronics
SEN-17777 SPARKFUN-SEN-17777 Datasheet
916Kb / 9P
   Qwiic Ultrasonic Distance Sensor (HC-SR04) Hookup Guide
logo
Maxim Integrated Produc...
MAXQ7667 MAXIM-MAXQ7667 Datasheet
530Kb / 40P
   16-Bit, RISC, Microcontroller-Based, Ultrasonic Distance-Measuring System
Rev 1; 7/09
logo
3M Electronics
89644 3M-89644 Datasheet
580Kb / 2P
   VikuitiTM Privacy Filter Finder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com