Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17LE-13370-28D2CD-FA Datasheet(PDF) 5 Page - DDK Ltd.

Part # 17LE-13370-28D2CD-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-13370-28D2CD-FA Datasheet(HTML) 5 Page - DDK Ltd.

  17LE-13370-28D2CD-FA Datasheet HTML 1Page - DDK Ltd. 17LE-13370-28D2CD-FA Datasheet HTML 2Page - DDK Ltd. 17LE-13370-28D2CD-FA Datasheet HTML 3Page - DDK Ltd. 17LE-13370-28D2CD-FA Datasheet HTML 4Page - DDK Ltd. 17LE-13370-28D2CD-FA Datasheet HTML 5Page - DDK Ltd. 17LE-13370-28D2CD-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Unit:mm
17LE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
5
○ Mounting on Panel and PCB
M30.5 Thread
M30.5 Thread
Type 1
Type 2
Type 3
K min.
4-R1.0
C min.
4-R3.4
10
B 0.1
2-φ3.2 0.1
Number of
Contact
BC
H
J
K
9
24.99
16.30
18.50
31.0
34.09
15
33.32
24.64
26.80
39.3
42.42
25
47.04
38.35
40.70
53.2
56.14
37
63.50
54.80
57.00
69.5
72.60
B 0.1
+0.3
0
H 0.3
4-R2.5
J
Stud (17L-002 □ )
Jack Socket
(17L-003 □ 1)
Jack Socket
(17L-003 □ 3)
Panel MountingDimensions
(□ : Thread Size)
Connector
Stud
Panel
Pan-head
Screw
Connector
Jack Socket
Hex Nut
□ : Thread SIze
A : M2.60.45
B : M30.5
C : #4-40UNC
Connector
Jack Socket
Hex Nut
Ground Tab
(Board Lock)
Ground Tab
Ground Tab
Screw
(not attached)
Number of
Contact
BD
E
F
G
9
24.99
10.98
1.37
2.74
8.22
15
33.32
19.20
1.37
2.74
16.44
25
47.04
33.12
1.38
2.76
30.36
37
63.50
49.68
1.38
2.76
46.92
PCB Mounting Dimensions 
(Applicable PCB Thickness:t=1.
0.19
E
(View from mounting pattern side)
G 0.1
F 0.1
F 0.1
B 0.1
D 0.1
2-φ3.2 0.1 Through Hole
n-φ1.0 0.1 Through Hole
※ Connector can not be fastened
on the panel.
※ Connector can not be fastened
on the panel.
※ Connector can be fastened
on the panel.
 (Panel Thickness:0.8 ∼ 1.3)


Similar Part No. - 17LE-13370-28D2CD-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-13370-27(D2AB)-FA DDK-17LE-13370-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2AC)-FA DDK-17LE-13370-27(D2AC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2AD)-FA DDK-17LE-13370-27(D2AD)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2BB)-FA DDK-17LE-13370-27(D2BB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13370-27(D2BC)-FA DDK-17LE-13370-27(D2BC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
More results

Similar Description - 17LE-13370-28D2CD-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-1390-27(D2AB)-FA DDK-17LE-1390-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com