Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

461923 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 461923
Description  LASER PHOTO TACHOMETER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

461923 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  461923 Datasheet HTML 1Page - Extech Instruments Corporation. 461923 Datasheet HTML 2Page - Extech Instruments Corporation. 461923 Datasheet HTML 3Page - Extech Instruments Corporation. 461923 Datasheet HTML 4Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
461923 V1.3 /02
2
Safety
1.
Use extreme caution when the laser beam is ON
2.
Do not point the beam toward anyone's eye
3.
Be careful not to let the beam strike the eye from a reflective surface.
4.
Do not use the laser near explosive gases or in other potentially explosive areas
Specifications
General Specifications
Circuit
Custom LSI microprocessor circuit
Time base
Quartz crystal 4.194 MHz
Display
5 digit, 0.4" (10mm) LCD display with function indicators
Measurement range
5 to 99,999 RPM
Accuracy
+(0.05% reading + 1 digit)
Resolution
0.1 RPM (<1000 RPM); 1 (>1000 RPM)
Laser light source
Less than 1mW; Class 2 red laser diode (645nm approx.)
Detecting Distance
2 to 79" (50 to 2000 mm) with 10mm reflective tape and 1800rpm
(ambient light, tape size and RPM will effect maximum distance)
Memory
Last reading and MIN/MAX readings
Operating Conditions 32 °F to 122 °F (0 °C to 50 °C); RH 80% Max
Power Supply
4 x 1.5 V AA (UM 3) batteries
Power Consumption
20mA DC approx.
Weight
0.55 lbs. (250g) including battery)
Size
7.5 x 2.8 x 1.5" (190 x 72 x 37 mm)
Accessories
4- 1.5V batteries, reflective tape 24" [600mm], and carrying case


Similar Part No. - 461923

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
461920 EXTECH-461920 Datasheet
105Kb / 6P
   Laser Photo Tachometer
More results

Similar Description - 461923

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
461920 EXTECH-461920 Datasheet
105Kb / 6P
   Laser Photo Tachometer
461995 EXTECH-461995 Datasheet
66Kb / 6P
   Laser Photo / Contact Tachometer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
461893 EXTECH-461893 Datasheet
338Kb / 4P
   Digital Photo Tachometer
461700 EXTECH-461700 Datasheet
150Kb / 7P
   Mini Photo Tachometer
461895 EXTECH-461895 Datasheet
133Kb / 4P
   COMBINATION CONTACT/PHOTO TACHOMETER
461825 EXTECH-461825 Datasheet
71Kb / 6P
   Combination Photo-Tachometer Stroboscope
461880 EXTECH-461880 Datasheet
211Kb / 12P
   Vibration Meter and Laser Combination Tachometer
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com