Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

451181 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # 451181
Description  Datalogging / Printing Anemometer Psychrometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

451181 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button 451181 Datasheet HTML 4Page - Extech Instruments Corporation. 451181 Datasheet HTML 5Page - Extech Instruments Corporation. 451181 Datasheet HTML 6Page - Extech Instruments Corporation. 451181 Datasheet HTML 7Page - Extech Instruments Corporation. 451181 Datasheet HTML 8Page - Extech Instruments Corporation. 451181 Datasheet HTML 9Page - Extech Instruments Corporation. 451181 Datasheet HTML 10Page - Extech Instruments Corporation. 451181 Datasheet HTML 11Page - Extech Instruments Corporation. 451181 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Model 451181 Version 3.0 07/06
8
Customizing a Memory Location Header
Using the F3 EDIT softkey in Memory screen 1, as described above, allows the user to
customize the header in the currently selected memory location.
1. Use the ▲ or ▼ arrow keys to step forward and backward in the header.
2. Use the BACK softkey to step backward
and erase characters while stepping.
3. Use the alphanumeric keypad to compose
a header. For example, press the ‘2’ key
and a window with the characters related
to the ‘2’ key will appear (namely,
2abcABC as shown in the diagram). Then
use the ‘2’ key again to scroll through the
character list. When the desired character
is highlighted the meter will automatically
place that character in the header.
4. F2 CLR is used to erase the header.
5. F4 ENTER is used to save the header.
Viewing Stored Readings
1. From the WECLOME screen, press F2 MEM
2. Use the ▲ or ▼ arrow keys to scroll through the memory locations that contain the
stored data.
3. Press F1 EXIT to return to the WELCOME screen.
Printing Stored Data
Proceed to the second memory screen as previously described and use F3 PRN to print a
data record. Use the ▲ or ▼ arrow keys to select the desired data location (0- to 99) to
print.
Erasing Data
From the second memory display screen (discussed earlier), press F2 CLR softkey.
Answer YES when prompted to erase ALL recorded readings. Press NO to abort the
clearing process.
01:
V:
98.0FPM
T:
82.0loF
RH:
62.7%
WBT:
72.2oF
VOL:
0.0CFM
EXIT
NEXT
MEAS
HEADER EDITING
EDIT
2abcABC


Similar Part No. - 451181

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
45118 EXTECH-45118 Datasheet
63Kb / 1P
   Mini Thermo-Anemometer
45118 EXTECH-45118_15 Datasheet
216Kb / 1P
   Mini Thermo-Anemometer Series
More results

Similar Description - 451181

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN340 EXTECH-AN340 Datasheet
101Kb / 1P
   AN340 CMM/CFM Anemometer/ Psychrometer Datalogger
RH390 EXTECH-RH390 Datasheet
129Kb / 7P
   Digital Psychrometer
RH350 EXTECH-RH350 Datasheet
159Kb / 6P
   SuperHeat Psychrometer
RH300-CAL EXTECH-RH300-CAL Datasheet
212Kb / 1P
   Digital Psychrometer
RH305 EXTECH-RH305 Datasheet
212Kb / 1P
   Digital Psychrometer
RH300 EXTECH-RH300 Datasheet
212Kb / 1P
   Digital Psychrometer
RH350 EXTECH-RH350_15 Datasheet
175Kb / 1P
   SuperHeat Psychrometer
451112 EXTECH-451112 Datasheet
161Kb / 5P
   Vane Anemometer
logo
Testo SE & Co. KGaA
TESTO405 TESTO-TESTO405 Datasheet
1Mb / 2P
   Thermal anemometer
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
   Vane anemometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com