Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

421502 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 421502
Description  Dual Input Type J/K Digital Thermometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

421502 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  421502 Datasheet HTML 1Page - Extech Instruments Corporation. 421502 Datasheet HTML 2Page - Extech Instruments Corporation. 421502 Datasheet HTML 3Page - Extech Instruments Corporation. 421502 Datasheet HTML 4Page - Extech Instruments Corporation. 421502 Datasheet HTML 5Page - Extech Instruments Corporation. 421502 Datasheet HTML 6Page - Extech Instruments Corporation. 421502 Datasheet HTML 7Page - Extech Instruments Corporation. 421502 Datasheet HTML 8Page - Extech Instruments Corporation. 421502 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
421502
Ver. 1.9
12/05
Elapsed Timer
The Timer (third display on bottom right of LCD) displays Clock or Elapsed Time and is a
convenient way to see when Min and Max temperatures occurred. Each time new Min or
Max temperature values are stored, the timer/clock value for the Max or Min temperature
is also stored for later recall. Real time can be entered by setting the meter's clock to the
current time (set Hours:Mins display using the MIN/SEC key). To use the clock as an
elapsed timer, first reset the clock to zero in Set Mode (see next section). The timer will
begin counting as soon as it is set in SET mode.
SET Mode (for Relative Mode, HI/LO Alarm setpoints, and Clock/Timer settings)
Manually setting the Relative Values in SET Mode
Press the "SET" key once and the display will go to all dashes "======". Enter the
relative value using the meter's keys which double as numeric keys. USE LEADING
ZEROS SINCE DISPLAY IS 5-DIGITS. Once the Relative value is entered, press the
ENTER key FOUR times to return to normal operation. Meter will now display Actual
Temperature minus Relative Temperature
Setting the Timer/Clock in SET Mode
Press the "SET" key and then the "ENTER" key. Next key in the Hours, Minutes, and
Seconds (HH:MM:SS) via the overlay numeric keys. When editing is complete, the clock
will begin counting. Press the "ENTER" key three times to return to normal meter
operation. Now use the SEC/MIN key to toggle between Hours/Minutes and
Minutes/Seconds display.
Alarm HI/LO Limit Programming in SET Mode
Press the "SET" key once and then the "ENTER" key twice. Key in the desired HI Alarm
value (high temperature at which the meter will audibly alert the user) via the overlay
numeric keys. Now press the "ENTER" key once. Next, key in the LO Alarm Limit value
(low temperature at which the meter audibly alerts the user). Press the ENTER key once
to return to normal operation. After exiting the SET mode, press the "HI/LO Limits" key
to activate the Alarm, the audio icon on the LCD tells you that the Alarm is now armed
and will alert you if HI/LO limits are encountered.
Second Display Input Selection "T1, T2 or T1-T2"
Pressing the "T1 T2 / T1 - T2" key (the key with the minus sign printed over it) permits the
user to select the thermocouple input configuration which will be reflected on the meter's
Second Display (lower left LCD). Choose "T1 or T2" to show either thermocouple input 1
or 2 respectively. Select "T1 - T2" to display the difference between the two
thermocouple input temperatures. In T1 - T2 mode, a reading of zero indicates that both
thermocouples are reading the same temperature.
"K/J" Key (Selecting theThermocouple Type for the T2 Main Display)
For the type of thermocouple that is plugged into the T2 terminal on the meter, select K or
J (to match input) by toggling the "K/J" key. The meter remembers this selection upon
power OFF.
HI/LO Alarm Limits Mode
Press the "HI/LO Limits" key to arm the HI/LO Alarms (the audio speaker icon will appear
on the right side of the LCD). When the actual temperature meets or exceeds the user
programmed temperature limits a continuous alert tone will be heard. To disarm or silence
a tripped Alarm press the HI/LO Limit key again (the audio display icon will disappear).


Similar Part No. - 421502

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
421501 EXTECH-421501 Datasheet
121Kb / 4P
   Type K Digital Thermometer
421509 EXTECH-421509 Datasheet
187Kb / 12P
   Dual Input, 3-Display Thermometer/Datalogger
logo
List of Unclassifed Man...
42150R ETC2-42150R Datasheet
222Kb / 2P
   MPR-50 Multi-Port Router
More results

Similar Description - 421502

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
   Type K Dual Input Thermometer
421501 EXTECH-421501 Datasheet
121Kb / 4P
   Type K Digital Thermometer
42535 EXTECH-42535 Datasheet
92Kb / 4P
   Mini IR Thermometer with Type K Input
EA11A EXTECH-EA11A Datasheet
126Kb / 6P
   EasyView K-Type Thermometer
EA10 EXTECH-EA10 Datasheet
59Kb / 4P
   EasyView Dual K Thermometer
logo
LANSDALE Semiconductor ...
ML688T LANSDALE-ML688T Datasheet
2Mb / 3P
   Dual J-K
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com