Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

412355A Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 412355A
Description  Voltage Calibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

412355A Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  412355A Datasheet HTML 1Page - Extech Instruments Corporation. 412355A Datasheet HTML 2Page - Extech Instruments Corporation. 412355A Datasheet HTML 3Page - Extech Instruments Corporation. 412355A Datasheet HTML 4Page - Extech Instruments Corporation. 412355A Datasheet HTML 5Page - Extech Instruments Corporation. 412355A Datasheet HTML 6Page - Extech Instruments Corporation. 412355A Datasheet HTML 7Page - Extech Instruments Corporation. 412355A Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
412355A V3.2 7/08
2
Introduction
Congratulations on your purchase of the Extech Current/Voltage Calibrator. The Model
412355A can measure and source current and voltage. The Oyster Series meters have a
convenient flip up display with neck-strap for hands-free operation. This meter is shipped
fully tested and calibrated and, with proper use, will provide years of reliable service.
Meter Description
1.
LCD display
2.
POWER button
3.
UP and DOWN buttons
4.
MODE button
5.
UNIT button
6.
MEM and ZERO button
7.
Input/Output mini-connector
8.
AC adaptor jack
9.
Battery compartment
10. Neck strap holders
11. Function switch


Similar Part No. - 412355A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412355A EXTECH-412355A_15 Datasheet
165Kb / 1P
   Current & Voltage Calibrators/Meters
More results

Similar Description - 412355A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
   Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
   Dynamic Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
412400 EXTECH-412400 Datasheet
133Kb / 8P
   Multifunction Process Calibrator
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
   Microprocessor Calibrator Thermometer
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com