Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

407732 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # 407732
Description  Digital Sound Level Meter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407732 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

  407732 Datasheet HTML 1Page - Extech Instruments Corporation. 407732 Datasheet HTML 2Page - Extech Instruments Corporation. 407732 Datasheet HTML 3Page - Extech Instruments Corporation. 407732 Datasheet HTML 4Page - Extech Instruments Corporation. 407732 Datasheet HTML 5Page - Extech Instruments Corporation. 407732 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Model 407732 Version 1.4 June 2004
6
Calibration
To calibrate the 407732, an external calibrator such as the Extech 407744 or the Extech
407766 is required in addition to a small screw-driver.
1.
Open the battery compartment and locate the two
calibration potentiometers behind the 9V battery (see
diagram)
2.
Turn the meter ON
3.
Put the meter in the ‘A’ weighting mode
4.
Put the meter in the ‘SLOW’ response mode
5.
Place the 407732 microphone into the calibrator. Set
the calibrator to output a 1kHz sine wave @ 94dB
6.
Put the meter in the low range
7.
Adjust the ‘A (Lo)’ potentiometer for a display of 94.0
dB
8.
Put the meter in the high range
9.
Adjust the ‘A (HI)’ potentiometer for a display of 94.0
dB
Battery Replacement
When the low battery icon BAT appears on the LCD replace the 9V battery as soon as
possible. The battery compartment cover is located on the rear of the meter. Remove the
Phillips screw to loosen the cover. Slide the battery compartment cover off, change the
battery, and replace the compartment cover.
Typical A-Weighted Sound Levels
50HP Siren (100')
130
120
110
100
90
80
70
60
50
40
30
20
10
140
0
Jet takeoff (200')
dBA
Riveting machine
Chain saw
Subway (20')
Boiler room
Pneumatic drill (50')
Freight train (100')
Vacuum cleaner (10')
Speech (1')
Large store
Large Office
Small office
Residence
Night residential area
Whisper (5'0)
Sound studio
Threshold of hearing
Copyright © 2004 Extech Instruments Corporation
All rights reserved including the right of reproduction in whole or in part in any form.


Similar Part No. - 407732

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407732-KIT EXTECH-407732-KIT Datasheet
147Kb / 1P
   Type 2 Sound Level Meter Kits
407732 EXTECH-407732_15 Datasheet
180Kb / 1P
   Sound Level Meter with Backlit Display
More results

Similar Description - 407732

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407735 EXTECH-407735 Datasheet
77Kb / 4P
   Digital Sound Level Meter
407750 EXTECH-407750 Datasheet
103Kb / 8P
   Digital Sound Level Meter
407730 EXTECH-407730 Datasheet
136Kb / 6P
   Digital Sound Level Meter
407736 EXTECH-407736 Datasheet
82Kb / 6P
   Digital Sound Level Meter
407768 EXTECH-407768 Datasheet
88Kb / 7P
   Digital Sound Level Meter
407738 EXTECH-407738 Datasheet
121Kb / 8P
   Digital Sound Level Meter
407730 EXTECH-407730_15 Datasheet
103Kb / 1P
   Digital Sound Level Meter
407740 EXTECH-407740 Datasheet
113Kb / 4P
   Digital Sound Level Meter
HD600 EXTECH-HD600 Datasheet
192Kb / 9P
   Digital Datalogging Sound Level Meter
logo
rfsolutions.ltd
SM1 RFSOLUTIONS-SM1 Datasheet
705Kb / 2P
   Sound level meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com