Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

780417A Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 780417A
Description  Heavy Duty Dissolved Oxygen Meter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

780417A Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  780417A Datasheet HTML 1Page - Extech Instruments Corporation. 780417A Datasheet HTML 2Page - Extech Instruments Corporation. 780417A Datasheet HTML 3Page - Extech Instruments Corporation. 780417A Datasheet HTML 4Page - Extech Instruments Corporation. 780417A Datasheet HTML 5Page - Extech Instruments Corporation. 780417A Datasheet HTML 6Page - Extech Instruments Corporation. 780417A Datasheet HTML 7Page - Extech Instruments Corporation. 780417A Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
407510
V7.0 10/06
5
Advanced Features
Data Hold
Press the Data Hold key to freeze the displayed value. The LCD will display DH for Data Hold
mode along with the held reading. Press the Hold key again to release the data hold function.
MIN/MAX/AVG Data Recording
When selected, the Data Recording function records the Min, Max, and Average readings. To
start a data recording session:
1.
Press the RECORD key once. The REC indicator will appear on the display and the meter
will begin to record the lowest (min), highest (max), and average (avg) readings.
2.
To recall the data, press the RECALL key once. The MAX indicator will appear along with
the highest reading recorded since the RECORD key was pressed.
3.
Press the RECALL key again to view the MIN value.
4.
Press the RECALL key again to view the AVG reading.
5.
To exit the Record mode, press the RECORD key again. The display indicators REC,
MIN, MAX, and AVG will disappear.
Auto Power OFF
The meter includes an Auto shut off feature that preserves battery life. The meter will
automatically turn off if no function button is pressed in any 10 minute period. To disable this
feature press the RECORD key to engage the record function.
LCD Contrast Adjust
It may be necessary to adjust the display contrast due to a change in viewing angle or voltage
drift. Use the LCD Contrast adjustment located on the right side of the meter to set the
preferred contrast.
CPU Reset
Certain improper keystroke sequences can cause the meter to “hang” and become inoperable.
The following procedure will reset the meter.
1.
Slide the O2/DO switch to the O2 position.
2.
Turn the meter OFF and disconnect the DO probe.
3.
Press and HOLD the O2 CAL key and then press the POWER key.
4.
Release the O2 CAL key and then press the ZERO key.
5.
Connect the DO probe.
6.
Wait several minutes for the reading to stabilize and then press the O2 CAL key.
RS-232 PC Interface
The meter includes a RS-232 serial data port. This interface was designed to operate with the
Extech Data Acquisition Software/Hardware kit Part No. 407001. This kit enables the user to
capture, store and display readings using a PC.


Similar Part No. - 780417A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
logo
Molex Electronics Ltd.
78041-0002 MOLEX9-78041-0002 Datasheet
149Kb / 4P
   6.35mm (.250") Pitch, EXTreme PowerPlus??Header, All Power, Through Hole, Vertical, 3 Circuits, with Peg, Lead-free
logo
Alpha Wire
78041SL005 ALPHAWIRE-78041SL005 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
More results

Similar Description - 780417A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DO600 EXTECH-DO600 Datasheet
340Kb / 11P
   Dissolved Oxygen Meter
407026 EXTECH-407026 Datasheet
537Kb / 8P
   Heavy Duty Meter
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
   Maxell Dissolved Oxygen Sensor
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
   Heavy Duty Pressure Meter
407850 EXTECH-407850 Datasheet
95Kb / 6P
   Heavy Duty Vibration Meter
407860 EXTECH-407860 Datasheet
184Kb / 1P
   Heavy Duty Vibration Meter
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
   Heavy Duty Vibration Meter
407777 EXTECH-407777 Datasheet
118Kb / 8P
   Heavy Duty Wood Moisture Meter
407227 EXTECH-407227 Datasheet
188Kb / 6P
   Heavy Duty pH, mV, & Temperature Meter
407026 EXTECH-407026_15 Datasheet
462Kb / 1P
   Heavy Duty Light Meter with PC Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com