Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5619 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5619
Description  27-Line SCSI Terminator With Reverse Disconnect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5619 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5619 Datasheet HTML 1Page - Texas Instruments UCC5619 Datasheet HTML 2Page - Texas Instruments UCC5619 Datasheet HTML 3Page - Texas Instruments UCC5619 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
UCC5619
PIN DESCRIPTIONS
DISCNCT: Taking this pin low causes all channels to
become high impedance, and the chip to go into
low-power mode; a high state or leaving it open allows
the channels to provide normal termination.
GND: Ground reference for the IC.
LINE1 - LINE27: 110
Ω termination channels.
REG: Output of the internal 2.7V regulator; bypass with a
4.7 F capacitor to GND.
TRMPWR: Power for the IC; bypass with a 4.7 F
capacitor to GND.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT = 4.75V, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section (CONT.)
VLINE = 0.5V
22.4
mA
Output Leakage
DISCNCT = 0V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 0V (Note 2)
2.5
4
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.4
0.8
V
Short Circuit Current
VREG = 0V
−650
−900 –1300
mA
Sinking Current Capability
VREG = 3.5V
300
500
900
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold
0.8
1.5
2.0
V
Input Current
DISCNCT = 0V
–20
–60
µA
11
29
25
TERMPWR
DISCNCT
DATA BYTES
1AND 2
+2 PARITY BITS
7
REG
4.7
µF
4.7
µF
TO SCSI BUS
TERMPWR
17
LINE1
LINE27
CONTROL
BYTES
TO DRIVERS
AND
RECEIVERS
UCC5619
Figure 1. Typical wide SCSI bus configuration using the UCC5619
UDG-98072
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460


Similar Part No. - UCC5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5619 TI1-UCC5619 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWP TI1-UCC5619MWP Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPG4 TI1-UCC5619MWPG4 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPTR TI1-UCC5619MWPTR Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5619MWPTRG4 TI1-UCC5619MWPTRG4 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
More results

Similar Description - UCC5619

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5621 TI-UCC5621 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5622 TI-UCC5622 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5622 TI1-UCC5622_15 Datasheet
219Kb / 8P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
[Old version datasheet]   18-Line SCSI Terminator Reverse Disconnect
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
UCC5620 TI1-UCC5620_09 Datasheet
392Kb / 9P
[Old version datasheet]   27-Line SCSI Terminator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com