Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

406800 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 406800
Description  Differential Pressure Manometer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

406800 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  406800 Datasheet HTML 1Page - Extech Instruments Corporation. 406800 Datasheet HTML 2Page - Extech Instruments Corporation. 406800 Datasheet HTML 3Page - Extech Instruments Corporation. 406800 Datasheet HTML 4Page - Extech Instruments Corporation. 406800 Datasheet HTML 5Page - Extech Instruments Corporation. 406800 Datasheet HTML 6Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
406800 V2.1 11/06
4
Operation
Power
Press the ON/OFF button to turn power on or off. The meter will perform a short self-test
when turned on. The meter defaults to the setting used during the last operation.
Zero Adjust and Offset
Before use and without fittings attached to the meter, press the HOLD button for more than 2
seconds to zero the meter. The meter will reset and display “o o o o” from right to left. “0.0”
will now be displayed.
If it is desired to offset the meter’s display, press the DIF button while taking a measurement.
Subsequent readings will be the difference between the current measurement and the
measurement that was on the display when the DIF button was pressed.
Data Hold
Press the HOLD button momentarily to freeze the displayed reading. The 'HOLD' icon will
appear on the upper left-hand side of the display. Press the HOLD button again to return to
normal operation.
Record
The MAX/MIN mode allows the user to view only the highest (MAX) or lowest (MIN) readings
with relative time stamp.
1.
Press the REC button once and “REC” appears on the display (All other functions
are locked out except for Power & Backlight). The relative time clock also appears
in the secondary display and starts counting.
2.
Press the REC button again and “MAX” appears on the display. The display is now
showing the maximum pressure and relative time that it was recorded.
3.
Press the REC button again to display the minimum “MIN” reading with the relative
time.
4.
Press the REC button again to continue recording min/max measurements.
5.
To exit the MIN/MAX mode, press the REC button for 3 seconds to return to normal
operation.
Backlight Display
Press the
key to turn on the backlight. It will remain on for 30 seconds.
Automatic Power Off
The meter will automatically shut off after 20 minutes to conserve battery life. To disable Auto
Power Off, hold down the HOLD button and turn the meter on. An “n” will appear in the
display indicating that Auto Power Off mode is disabled. The meter will return to normal
operation when it is turned off.
Unit
Press the Unit button momentarily and the meter will cycle through the 11 available units of
measure as indicated by the cursor on the bottom of the display.


Similar Part No. - 406800

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
   Differential Pressure Manometer
More results

Similar Description - 406800

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
406850 EXTECH-406850 Datasheet
93Kb / 6P
   Differential Pressure Manometer
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
   Differential Pressure Manometer
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
   Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
   Heavy Duty Differential Pressure Manometer
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
   Heavy Duty Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
   Heavy Duty Differential Pressure Manometer
407910 EXTECH-407910 Datasheet
267Kb / 7P
   Heavy Duty Differential Pressure Manometer
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
   Pitot Tube Anemometer Differential Manometer
logo
Silicon Microstructures...
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
   Differential Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com