Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5614 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5614
Description  9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5614 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5614 Datasheet HTML 1Page - Texas Instruments UCC5614 Datasheet HTML 2Page - Texas Instruments UCC5614 Datasheet HTML 3Page - Texas Instruments UCC5614 Datasheet HTML 4Page - Texas Instruments UCC5614 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCC5614
Note: Drawings are not to scale.
CONNECTION DIAGRAMS (cont.)
* DP package pin 5 serves as signal ground; pins 4, 12, 13
serve as heatsink/ground.
* PWP package pin 5 serves as signal ground; pins 6, 7, 8, 9,
17, 18, 19, and 20 serve as heatsink/ground.
SOIC-16 (Top View)
DP Package
TSSOP-24 (Top View)
PWP Package
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines = Open
1
2
mA
All termination lines = 0.2V
210
218
mA
Power Down Mode
DISCNCT = Termpwr
0.5
5
µA
Output Section (110 ohms - Terminator Lines)
Terminator Impedance
102.3
110
117.7
Ohms
Output High Voltage
(Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V TJ = 25
°C
−−22.1
−−23
−−24
mA
VLINE = 0.2V
−−21
−−23
−−24
mA
VLINE = 0.2V, TRMPWR = 3V TJ = 25
°C (Note 1)
−−20.2
−−23
−−24
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−−19
−−23
−−24
mA
VLINE = 0.5V
−−22.4
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2) (DP Package)
1.8
2.5
pF
Output Section (2.5k ohms - Terminator Lines) (RDISCNCT = 80k ohms)
Terminator Impedance
22.5
3
k
Output High Voltage
TRMPWR = 3V (Note 1)
2.5
2.7
3.0
V
Max Output Current
VLINE = 0.2V
−−0.7
−−1
−−1.4
mA
VLINE = 0.2V, TRMPWR = 3V (Note 1)
−−0.6
−−1
−−1.5
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0 to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2) (DP Package)
1.8
2.5
pF
Regulator Section
Regulator Output Voltage
5.25V > TRMPWR > 3V
2.5
2.7
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.1
0.2
V
Short Circuit Current
VREG = 0V
−−200
−−400
−−800
mA
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 3.3V, DISCNCT = 0V, RDISCNCT= 0 ohms. TA = TJ.
3


Similar Part No. - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI1-UCC5614 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DP TI1-UCC5614DP Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI1-UCC5614DPG4 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614N TI1-UCC5614N Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC5614

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com