Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380462 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 380462
Description  Precision Milliohm Meters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380462 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  380462 Datasheet HTML 1Page - Extech Instruments Corporation. 380462 Datasheet HTML 2Page - Extech Instruments Corporation. 380462 Datasheet HTML 3Page - Extech Instruments Corporation. 380462 Datasheet HTML 4Page - Extech Instruments Corporation. 380462 Datasheet HTML 5Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model 380460 and 380462 Version 2.1 March 2005
4
Measurement Equations
Vx = Is x Rx;
Where Vx is the voltage (measured by the meter) across the device under test; Is is the
test current; Rx is the resistance of the device under test. From Vx = Is x Rx, the meter
moves to the next step which is: Rx = Vx/Is. With this equation the meter determines the
resistance of the device under test. Note that the measured resistance (Rx1 & Rx2) is not
affected by stray resistance since the test current is supplied directly to the device under
test. This is the advantage of the 4-wire Kelvin lead configuration over 2-wire methods
which introduce errors into low resistance measurements.
International Symbols
Powering the Meter
Connect the meter to the correct power source (110 or 220VAC); the Model 380460 uses
110VAC and the Model 380462 uses 220VAC (note that these meters are NOT
interchangeable). Do not apply voltage to the meter input measurement terminals. Meter
damage may result.
Measurement Procedure
1. Rotate the Range select switch to the 200m range to prepare for zeroing. Ensure that
200m is selected on the 200m select switch.
2. Perform a Zero Adjustment per the following:
• Short the Kelvin Clips as shown in the diagram below.
• Rotate the Zero Adjust Knob until the meter indicates zero units.
3. Select the desired measuring range via the rotary Range select switch. When using the
200m range, put the 200m select switch to the 200m position; for all other
measurements put this switch in the opposite position.
4. Either clip the leads onto a component or clip the leads between two points in a circuit.
5. Observe the meter reading.


Similar Part No. - 380462

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380462 EXTECH-380462_15 Datasheet
209Kb / 1P
   Precision Milliohm Meter
More results

Similar Description - 380462

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380460 EXTECH-380460_15 Datasheet
209Kb / 1P
   Precision Milliohm Meter
380462 EXTECH-380462_15 Datasheet
209Kb / 1P
   Precision Milliohm Meter
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
RHOPOINT COMPONENTS
BVO-M-R0002-1.0 RHOPOINT-BVO-M-R0002-1.0 Datasheet
67Kb / 2P
   Precision Resistors for kWh Meters
logo
KOA Speer Electronics, ...
LR09DL1020LJ KOA-LR09DL1020LJ Datasheet
223Kb / 2P
   custom milliohm resistor
LR KOA-LR Datasheet
214Kb / 2P
   custom milliohm resistor
LR06DL10 KOA-LR06DL10 Datasheet
84Kb / 2P
   custom milliohm resistor
logo
Extech Instruments Corp...
380580 EXTECH-380580 Datasheet
230Kb / 1P
   Battery Powered Milliohm Meter
380562 EXTECH-380562_15 Datasheet
176Kb / 1P
   High Resolution Milliohm Meter
380560 EXTECH-380560_15 Datasheet
176Kb / 1P
   High Resolution Milliohm Meter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com